Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP020-5GS
Description  Offline, Primary-Side Regulator with CC/CV Control and a 700V FET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems MP020-5GS Datasheet HTML 11Page - Monolithic Power Systems MP020-5GS Datasheet HTML 12Page - Monolithic Power Systems MP020-5GS Datasheet HTML 13Page - Monolithic Power Systems MP020-5GS Datasheet HTML 14Page - Monolithic Power Systems MP020-5GS Datasheet HTML 15Page - Monolithic Power Systems MP020-5GS Datasheet HTML 16Page - Monolithic Power Systems MP020-5GS Datasheet HTML 17Page - Monolithic Power Systems MP020-5GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP020-5 – OFFLINE, PRIMARY-SIDE REGULATOR WITH CC/CV CONTROL AND A 700V FET
MP020-5 Rev. 1.05
www.MonolithicPower.com
14
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
*
*
+
VCC
CP
GND
MP020-5
Drain
FB
RSN
R
CSN
D
SN
LK
LM
VSN
+
-
Figure 11: RCD Snubber
Select
RSN and CSN to meet the voltage spike
requirements and improve system operation.
The power dissipated in the snubber circuit is
approximately.
2
SN
SN
K
PK
S
SN
PS
O
V
1
PL I
f
2V
N
V
=⋅
⋅
⋅
×
−×
Where:
• LK is the leakage inductance,
• VSN is the clamp voltage, and
• NPS is the turn ratio of primary and
secondary side.
Since RSN consumes the majority of the power,
RSN is approximately,
2
SN
SN
SN
V
R
P
=
The maximum ripple of the snubber capacitor
voltage is then:
SN
SN
SN
SN
S
V
V
CR
f
Δ=
⋅⋅
Generally, 15% ripple is reasonable, So the
previous equation can estimate CSN.
Normally, select a time constant (τ=RSN×CSN)
less than 0.1ms for better CV sampling.
Therefore, adjust the resistor based on the
power loss and the acceptable clamp voltage in
practical applications.
The damping resistor in series with the RCD
has a relatively large value to prevent any
excessive voltage ringing that can affect the CV
sampling and increase the output ripple. Use a
damping resistor value in the range of 200Ω to
500Ω to restrain the drain-voltage ringing.
Divided Resistor
For better application performance, the select
the resistor divider values from 10kΩ to 100kΩ
to limit noise from adjacent components on the
FB pin. If necessary, use a resistor between
1kΩ and 2kΩ connected between the FB pin
and resistor divider limit substrate-injection-
current effects, as shown in Figure 12.
RUP
RDOWN
RFB
Figure 12: Feedback Resistor Divider Circuit
For more accurate CV regulation, the accuracy
of these feedback resistors should be at least
1%.
Dummy Load
When system operates without any load and no
dummy load, the output voltage will rise above
normal operation because of the minimum
switching frequency limitation. Use a dummy
load for good load regulation. A large dummy
load will deteriorate efficiency and no-load
consumption, so the dummy load is tradeoff
between efficiency and load regulation. For
most applications, use a dummy load of around
10mW
as
it
also
satisfies
the
30mW
requirement.
Maximum Switching Frequency
Use a secondary-side diode conduction time
that exceeds 5.4µs, as per the following
equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com