Electronic Components Datasheet Search
  English  ▼

X  

LTC5552 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5552
Description  3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5552 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5552 Datasheet HTML 9Page - Linear Technology LTC5552 Datasheet HTML 10Page - Linear Technology LTC5552 Datasheet HTML 11Page - Linear Technology LTC5552 Datasheet HTML 12Page - Linear Technology LTC5552 Datasheet HTML 13Page - Linear Technology LTC5552 Datasheet HTML 14Page - Linear Technology LTC5552 Datasheet HTML 15Page - Linear Technology LTC5552 Datasheet HTML 16Page - Linear Technology LTC5552 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC5552
13
5552f
For more information www.linear.com/LTC5552
APPLICATIONS INFORMATION
The RF input impedance and input reflection coefficient
versusRFfrequencyislistedinTable1.Thereferenceplane
for this data is Pin 5 of the IC, with no external matching,
and the LO is driven at 12GHz.
Table 1. RF Port Impedance and S11
(at Pin 5, No External Matching, LO Input Driven at 12GHz)
FREQUENCY
(GHz)
RF INPUT
IMPEDANCE
S11
MAG
ANGLE
3
50.1 + j33.8
0.32
71.3
4
63.3 + j37.1
0.33
52.1
5
96.2 + j14.7
0.33
11.9
6
75.4 + j16.6
0.24
–25.6
7
54.9 + j18.5
0.18
–65.2
8
37.5 – j8.2
0.17
–141.2
9
39.7 – j3.0
0.12
161.7
10
44.7 – j4.1
0.07
–140.7
11
45.2 – j10.4
0.12
–108.4
12
38.9 – j16.5
0.22
–113.4
13
32.5 – j22.1
0.33
–113.3
14
28.1 – j24.3
0.40
–114.7
15
30.1 – j22.2
0.36
–116.4
16
27.6 – j13.1
0.33
–140.0
17
24.8 + j3.1
0.34
170.5
18
19.8 + j18.9
0.47
141.8
19
17.0 + j19.6
0.55
132.9
20
21.3 + j19.6
0.47
130.2
LO Input
The mixer’s LO input, shown in Figure 5, consists of a
single-ended to differential conversion and high speed
limiting differential amplifier. The LO amplifier is optimized
forthe1GHzto20GHzLOfrequencyrange.LOfrequencies
above or below this frequency range may be used with
degraded performance.
The DC voltage at the LO input is about 1.6V. A DC block-
ing capacitor (C1) is required.
Figure 5. Simplified LO Input Schematic
LTC5552
LO
5552 F05
11
LO
C1
The LO is 50Ω matched from 1GHz to 20GHz. External
matching components may be needed for extended LO
operating frequency range. To ensure the best LO imped-
ance matching over the very wide bandwidth, no ESD
protection devices are used at the LO input. As a result, the
LO is the most sensitive pin to ESD stress for the mixer.
The measured LO input return loss is shown in Figure 6.
The nominal LO input level is 0dBm, although the limiting
amplifierswilldeliverexcellentperformanceovera±6dBm
input power range.
Figure 6. LO Input Return Loss
EN = HIGH
EN = LOW
LO FREQUENCY (GHz)
1
3
5
7
9 11 13 15 17 19 21
35
30
25
20
15
10
5
0
5552 F06
The LO input impedance and input reflection coefficient
versus frequency, is shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com