Electronic Components Datasheet Search
  English  ▼

X  

LTC5552 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5552
Description  3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5552 Datasheet(HTML) 3 Page - Linear Technology

  LTC5552 Datasheet HTML 1Page - Linear Technology LTC5552 Datasheet HTML 2Page - Linear Technology LTC5552 Datasheet HTML 3Page - Linear Technology LTC5552 Datasheet HTML 4Page - Linear Technology LTC5552 Datasheet HTML 5Page - Linear Technology LTC5552 Datasheet HTML 6Page - Linear Technology LTC5552 Datasheet HTML 7Page - Linear Technology LTC5552 Datasheet HTML 8Page - Linear Technology LTC5552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC5552
3
5552f
For more information www.linear.com/LTC5552
AC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = High, PLO = 0dBm, PRF = –6dBm (–6dBm/tone for two-
tone IIP3 tests), unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Frequency Range
l
1 to 20
GHz
RF Frequency Range
l
3 to 20
GHz
IF Frequency Range
l
DC to 6000
MHz
RF Return Loss
ZO = 50Ω, 3GHz to 17GHz
>9
dB
LO Input Return Loss
ZO = 50Ω, 1GHz to 20GHz
>10
dB
LO Input Power
–6
0
6
dBm
Downmixer Application, IF = 240MHz, Low Side LO
Conversion Loss
RF Input = 4GHz
RF Input = 10GHz
RF Input = 14GHz
RF Input = 17GHz
6.9
8.0
10.0
10.8
dB
dB
dB
dB
Conversion Loss vs Temperature
TC = –40°C to 105°C, RF Input = 10GHz
l
0.007
dB/°C
2-Tone Input 3rd Order Intercept
(ΔfRF = 2MHz)
RF Input = 4GHz
RF Input = 10GHz
RF Input = 14GHz
RF Input = 17GHz
23.8
22.5
20.1
18.3
dBm
dBm
dBm
dBm
SSB Noise Figure
RF Input = 10GHz
RF Input = 15.7GHz
9.8
11.7
dB
dB
LO to RF Input Leakage
fLO = 1GHz to 20GHz
<–24
dBm
LO to IF Leakage
fLO = 1GHz to 20GHz
<–19
dBm
RF to LO Isolation
fRF = 3GHz to 20GHz
>53
dB
RF Input to IF Output Isolation
fRF = 3GHz to 20GHz
>34
dB
Input 1dB Compression
RF Input = 10GHz
14.6
dBm
Upmixer Application, IF = 240MHz, Low Side LO
Conversion Loss
RF Output = 4GHz
RF Output = 10GHz
RF Output = 14GHz
RF Output = 17GHz
7.0
8.6
10.8
10.6
dB
dB
dB
dB
Conversion Loss vs Temperature
TC = –40°C to 105°C, RF Output = 5.8GHz
0.007
dB/°C
2-Tone Input 3rd Order Intercept
(ΔfIF = 2MHz)
RF Output = 4GHz
RF Output = 10GHz
RF Output = 14GHz
RF Output = 17GHz
24.6
21.1
17.2
14.4
dBm
dBm
dBm
dBm
SSB Noise Figure
RF Output = 10GHz
RF Output = 15.7GHz
9.9
11.5
dB
dB
LO to RF Output Leakage
fLO = 1GHz to 20GHz
<–24
dBm
LO to IF Input Leakage
fLO = 1GHz to 20GHz
<–19
dBm
IF to LO Isolation
fIF = 500MHz to 9GHz
>60
dB
IF Input to RF Output Isolation
fIF = 500MHz to 9GHz
>33
dB
Input 1dB Compression
RF Output = 10GHz
14.5
dBm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5552 is guaranteed functional over the –40°C to 105°C
case temperature range (θJC = 25°C/W).
Note 3: SSB noise figure measurements performed with a small-signal
noise source, bandpass filter and 2dB matching pad on input, with
bandpass filters on LO, and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com