Electronic Components Datasheet Search
  English  ▼

X  

LTC5552 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5552
Description  3GHz to 20GHz Microwave Mixer with Wideband DC to 6GHz IF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5552 Datasheet(HTML) 2 Page - Linear Technology

  LTC5552 Datasheet HTML 1Page - Linear Technology LTC5552 Datasheet HTML 2Page - Linear Technology LTC5552 Datasheet HTML 3Page - Linear Technology LTC5552 Datasheet HTML 4Page - Linear Technology LTC5552 Datasheet HTML 5Page - Linear Technology LTC5552 Datasheet HTML 6Page - Linear Technology LTC5552 Datasheet HTML 7Page - Linear Technology LTC5552 Datasheet HTML 8Page - Linear Technology LTC5552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC5552
2
5552f
For more information www.linear.com/LTC5552
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ..................................................4V
Enable Input Voltage (EN) ................–0.3V to VCC + 0.3V
LO Input Power (1GHz to 20GHz).................. ….+10dBm
RF Power (3GHz to 20GHz)................................+20dBm
RF DC Voltage ....................................................... ±0.1V
IF+/IF– Power (LF to 6GHz) ................................+20dBm
IF+/IF– DC Voltage..................................................±0.3V
Operating Temperature Range (TC)........ –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
VCC
GND
EN
9
8
7
GND
IF+
IF–
1
2
3
13
GND
4
5
6
12
11
10
TOP VIEW
UDB PACKAGE
12-LEAD (3mm × 2mm) PLASTIC QFN
TJMAX = 150°C, θJC = 25°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements
Supply Voltage (VCC)
l
3.0
3.3
3.6
V
Supply Current
EN = High
132
150
mA
Shutdown Current
EN = Low
100
μA
Enable (EN) Logic Input
Input High Voltage (On)
l
1.2
V
Input Low Voltage (Off)
l
0.3
V
Input Current
–0.3V to VCC + 0.3V
–30
100
μA
Chip Turn-On Time
0.2
μs
Chip Turn-Off Time
0.1
μs
DC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = High, unless otherwise noted. Test circuit shown in
Figure 1. (Note 2)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE
RANGE
LTC5552IUDB#TRMPBF
LTC5552IUDB#TRPBF
LHCK
12-Lead (3mm × 2mm) Plastic QFN
–40°C to 105°C
TRM = 500 pieces.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC5552#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com