Electronic Components Datasheet Search
  English  ▼

X  

LTC5566 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5566
Description  300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5566 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5566 Datasheet HTML 9Page - Linear Technology LTC5566 Datasheet HTML 10Page - Linear Technology LTC5566 Datasheet HTML 11Page - Linear Technology LTC5566 Datasheet HTML 12Page - Linear Technology LTC5566 Datasheet HTML 13Page - Linear Technology LTC5566 Datasheet HTML 14Page - Linear Technology LTC5566 Datasheet HTML 15Page - Linear Technology LTC5566 Datasheet HTML 16Page - Linear Technology LTC5566 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC5566
13
5566f
For more information www.linear.com/LTC5566
Typical perForMance characTerisTics Test circuit shown in Figure 1.
PRF = –8dBm/Tone, ∆f = 2MHz, PLO = 0dBm, VCC = 3.3V, VDD = 3.3V, TC = 25°C, unless otherwise noted.
Band 4: RF = 450MHz, IF = 153MHz, High Side LO
Conv Gain and IIP3 vs RF Frequency
0dB, 6dB and 12dB IF Attenuation
SSB NF vs RF Frequency
0dB, 6dB and 12dB IF Attenuation
Conv Gain vs IF Frequency and IF
Attenuation, Swept RF/Fixed LO
450MHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
450MHz Conv Gain, IIP3 and SSB
NF vs IF Attenuation
450MHz RF Input and IF Output
P1dB vs IF Attenuation
RF Isolation vs RF Frequency
LO Leakage vs LO Frequency
450MHz Conv Gain, IIP3, NF and
RF Input P1dB vs Temperature
RF FREQUENCY (MHz)
370
27
21
15
24
18
12
9
6
3
0
–3
430 450 470 490 510
5566 G46
530
410
390
GC
0dB
12dB
FULL POWER MODE
12dB
IIP3
0dB
6dB
6dB
RF FREQUENCY (MHz)
370
22
20
21
15
18
19
17
16
13
14
12
430 450
5566 G47
530
470 490 510
410
390
6dB
12dB
FULL POWER MODE
0dB
RF = 390MHz TO 510MHz
LO = 600MHz, FULL POWER MODE
15dB
12dB
9dB
6dB
3dB
0dB
IF FREQUENCY (MHz)
90
110
130
150
170
190
210
–7
–5
–3
–1
1
3
5
7
9
11
13
5566 G48
LO INPUT POWER (dBm)
–6
25
21
23
11
19
17
15
13
9
7
0
2
4
5566 G49
6
–2
–4
GC
NF
IIP3
TC = –40°C
TC = 25°C
TC = 85°C
3dB IF ATTENUATION
FULL POWER MODE
IF ATTENUATION (dB)
0
28
24
8
20
16
12
4
–4
0
6
8
10
12
14
5566 G50
16
4
2
GC
FULL POWER
REDUCED POWER
NF
IIP3
IF ATTENUATION (dB)
0
18
16
14
12
10
8
4
6
4
8
12
5566 G51
16
FULL POWER
REDUCED POWER
IFOUT
P1dB
RFIN
P1dB
RF FREQUENCY (MHz)
370
40
70
60
50
30
20
450 470 490 510 530
5566 G52
410 430
390
RF –IF+ OR RF –IF–
(UNBALANCED)
CHANNEL ISOLATION
RF –LO
3dB IF ATTENUATION
FULL POWER MODE
LO FREQUENCY (MHz)
200
–20
–60
–30
–40
–50
–80
–70
–90
500
600
700
800
5566 G53
400
300
LO –IF+ OR LO –IF–
(UNBALANCED)
LO –RF
3dB IF ATTENUATION
FULL POWER MODE
CASE TEMPERATURE (°C)
–45
25
23
13
21
19
17
15
11
9
7
45
75
5566 G54
105
15
–15
INPUT P1dB
GC
IIP3
NF
3dB IF ATTENUATION
FULL POWER MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com