Electronic Components Datasheet Search
  English  ▼

X  

LTC5566 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5566
Description  300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5566 Datasheet(HTML) 2 Page - Linear Technology

  LTC5566 Datasheet HTML 1Page - Linear Technology LTC5566 Datasheet HTML 2Page - Linear Technology LTC5566 Datasheet HTML 3Page - Linear Technology LTC5566 Datasheet HTML 4Page - Linear Technology LTC5566 Datasheet HTML 5Page - Linear Technology LTC5566 Datasheet HTML 6Page - Linear Technology LTC5566 Datasheet HTML 7Page - Linear Technology LTC5566 Datasheet HTML 8Page - Linear Technology LTC5566 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC5566
2
5566f
For more information www.linear.com/LTC5566
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD, VCC1, VCC2, IF1+, IF1–,
IF2+, IF2–) ...................................................................4V
EN1, EN2, T0, T1 Input Voltages ......–0.3V to VCC + 0.3V
LO+, LO– Input Power (150MHz to 6GHz) .......... +10dBm
RF1, RF2 Input Power (300MHz to 6GHz)..........+20dBm
LO+, LO– DC Voltage..............................................±0.5V
IF DVGA Peak Differential Input Voltage....................±4V
SDI, CLK, CSB, PS Input Voltages... –0.3V to VDD + 0.3V
SDO Output Current............................................. ±10mA
Operating Temperature Range (TC)........ –40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
9 10 11 12
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
32 31 30 29 28 27 26 25
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
GND
RF1
CSB
CLK
SDI
SDO
RF2
GND
IF1+
IF1–
VDD
LO+
LO–
PS
IF2–
IF2+
TJMAX = 150°C, θJC = 7.7°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC5566IUH#PBF
LTC5566IUH#TRPBF
5566
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (VCC)
l
3.0
3.3
3.6
V
SPI Supply Voltage (VDD)
l
1.6
3.6
V
Supply Current (ICC)
One Channel, Full Power Mode
Both Channels, Full Power Mode
One Channel, Reduced Power Mode
Both Channels, Reduced Power Mode
Shutdown
l
192
384
147
294
1.2
225
450
1.9
mA
mA
mA
mA
mA
SPI Supply Current (IDD)
Operating: CSB = Low, fCLK =10MHz
Idle: CSB = High
0.2
10
1
mA
µA
Enable and RF Tuning Logic Inputs (EN1, EN2, T0, T1) Internal Pull-Down Resistors on Each Pin
Input High Voltage (On)
l
1.4
V
Input Low Voltage (Off)
l
0.5
V
Input Current
VIN = VCC = 3.6V
100
µA
Enable Turn-On Time
0.3
µs
Enable Turn-Off Time
0.1
µs
RF Input Tuning Parallel Select Logic Input (PS) Internal Pull-Down Resistor
Input High Voltage (Parallel Enabled)
l
0.7 • VDD
V
Input Low Voltage (Serial Enabled)
l
0.3 • VDD
V
Input Current
VIN = VDD = 3.6V
50
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = VDD = 3.3V. Test circuit shown in Figure 1. (Note 2)
orDer inForMaTion
(http://www.linear.com/product/LTC5566#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com