Electronic Components Datasheet Search
  English  ▼

X  

LTC5566 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5566
Description  300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5566 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5566 Datasheet HTML 16Page - Linear Technology LTC5566 Datasheet HTML 17Page - Linear Technology LTC5566 Datasheet HTML 18Page - Linear Technology LTC5566 Datasheet HTML 19Page - Linear Technology LTC5566 Datasheet HTML 20Page - Linear Technology LTC5566 Datasheet HTML 21Page - Linear Technology LTC5566 Datasheet HTML 22Page - Linear Technology LTC5566 Datasheet HTML 23Page - Linear Technology LTC5566 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC5566
20
5566f
For more information www.linear.com/LTC5566
applicaTions inForMaTion
Mixer Output to IF DVGA Interface
The mixer’s 300Ω differential output impedance matches
the IF DVGA’s 300Ω differential input impedance, even
overnormalprocessvariationduetothemonolithicimple-
mentation. This assures minimal and repeatable DNL and
INL over the full IF attenuation range. Furthermore, the
mixer output and DVGA input include integrated matched
capacitors, which simplify the realization of a lowpass
filter between the mixer and DVGA. This filter attenuates
undesired high frequency mixing products and LO leakage
before entering the DVGA.
A simplified schematic of the interface for channel 1 is
shown in Figure 9 (channel 2 is identical and not shown).
L5 and L7 connect the mixer output to the DVGA input,
while forming a 650MHz 3rd-order, 0.2dB ripple Cheby-
shev lowpass filter. L1 and L3 supply DC current to the
mixer and C5 and C7 are DC-blocking capacitors.
Figure 9. Mixer to IF DVGA Interface
Figure 11. 3rd-Order Bandpass Filter Realization
It’s also possible to implement a bandpass filter between
the mixer and DVGA. An example is shown in Figure 11,
where a 3rd-order bandpass filter is realized by changing
the values of the reactive components and adding C21,
C23 and L19. Figure 19 shows measured conversion gain
vs IF output frequency using this bandpass topology.
Figure 10. Equivalent Lowpass Filter Schematic
An equivalent AC schematic of the lowpass filter is shown
in Figure 10, where the mixer output and DVGA input are
modeled as 300Ω in parallel with 1pF. The mixer supply
chokes and series DC blocking capacitors are ignored in
this schematic.
IF DVGA Phase vs IF Attenuation
Ideally, the phase of the IF output would be constant over
the full IF attenuation range. Practically, there is some
phase shift due to circuit parasitics in the attenuator. The
LTC5566’s IF DVGA is optimized for the lowest possible
phase variation (or phase error) over the full IF attenuation
range. Phase error vs IF attenuation for the complete IF
section is listed in Table 3.
Table 3. IF Phase Error vs IF Attenuation
ATT (dB)
150MHz
250MHz
350MHz
0
REF
REF
REF
3
–1.1°
–1.4°
–3.0°
6
–1.6°
–2.1°
–4.2°
9
–2.0°
–2.8°
–5.1°
12
–2.2°
–3.2°
–5.3°
15
–2.4°
–3.0°
–5.5°
5566 F11
MO1–
MIXER OUT
DVGA IN
MO1+
AI1–
AI1+
1pF
1pF
RL
300
RS
300
VCC
31
26
30
27
L5
L19
L7
C21
C5
L1
L3
C7
C23
5566 F09
MO1–
MIX OUT
(CH 1)
IF ATT IN
(CH 1)
MO1+
AI1+
AI1–
VCC
VCC
VCC
150
2pF
2pF
150
VCC
31
30
1.65V
VCC
150
2pF
2pF
150
27
26
C5, 1nF L5, 47nH
L3
680nH
L1
680nH
C7, 1nF L7, 47nH
27mA
27mA
5566 F10
MO1–
MO1+
AI1–
AI1+
1pF
1pF
RL
300
RS
300
31
26
30
27
L5, 47nH
L7, 47nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com