Electronic Components Datasheet Search
  English  ▼

X  

LTC5577 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5577
Description  300MHz to 6GHz High Signal Level Active Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5577 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5577 Datasheet HTML 9Page - Linear Technology LTC5577 Datasheet HTML 10Page - Linear Technology LTC5577 Datasheet HTML 11Page - Linear Technology LTC5577 Datasheet HTML 12Page - Linear Technology LTC5577 Datasheet HTML 13Page - Linear Technology LTC5577 Datasheet HTML 14Page - Linear Technology LTC5577 Datasheet HTML 15Page - Linear Technology LTC5577 Datasheet HTML 16Page - Linear Technology LTC5577 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC5577
13
5577f
For more information www.linear.com/LTC5577
applicaTions inForMaTion
To optimize the LO input match for frequencies below
1GHz, the value of C5 is increased and shunt capacitor C6
is added. A summary of values for C5 and C6, versus LO
frequency range is listed in Table 2. Measured LO input
return losses are shown in Figure 6. Finally, LO input im-
pedance and input reflection coefficient, versus frequency
is shown in Table 3.
Table 2. LO Input Matching Values vs LO Frequency Range
FREQUENCY (MHz)
C5 (pF)
C6 (pF)
285 to 392
330
33
338 to 415
330
22
415 to 505
56
18
525 to 700
27
8.2
645 to 803
15
7.5
800 to 1150
6.8
2.7
930 to 4000
3.9
—
3500 to 6000
1.0
—
The LO buffers have been designed such that the LO input
impedance does not change significantly when the IC is
disabled. This feature only requires that supply voltage is
applied. The actual performance of this feature is shown
in Figure 7. As shown, the LO input return loss is better
than 10dB over the 1GHz to 4GHz frequency range when
the IC is enabled or disabled.
Figure 6. LO Input Return Loss
Figure 7. LO Input Return Loss—Mixer Enabled and Disabled
FREQUENCY (GHz)
0.2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
4.7
4.2
5577 F07
1.2
2.2
3.2 3.7
0.7
1.7
2.7
TC = 25°C
C5 = 3.9pF
DISABLED
ENABLED
Table 3. LO Input Impedance and S11 (at Pin 10, No External
Matching, Mixer Enabled)
FREQUENCY
(MHz)
INPUT
IMPEDANCE
S11
MAG
ANGLE
350
5.2 + j14.9
0.83
146.5
400
6.0 + j17.3
0.81
141.7
450
6.6 + j19.5
0.80
137.0
500
7.2 + j21.5
0.78
132.7
600
9.1 + j26.5
0.75
123.6
800
15.1 + j35.7
0.67
106.0
1000
24.9 + j43.6
0.58
89.5
1500
67.5 + j36.4
0.33
47.1
2000
61.7 – j4.2
0.11
–18.3
2500
40.3 – j7.1
0.13
–139.4
3000
31.7 + j1.8
0.23
173.1
3500
29.8 + j12.3
0.29
140.0
4000
31.5 + j22.9
0.35
113.2
4500
36.0 + j32.4
0.38
92.8
5000
59.0 + j40.6
0.36
57.1
5500
64.2 + j30.8
0.29
50.1
6000
57.4 + j19.7
0.19
59.0
FREQUENCY (GHz)
0.2
–10
–5
0
4.2
5577 F06
–15
–20
–25
1.2
2.2
3.2
5.2
0.7
4.7
1.7
2.7
3.7
5.7 6.2
C5 = 27pF, C6 = 8.2pF
C5 = 6.8pF, C6 = 2.7pF
C5 = 3.9pF
C5 = 1.0pF
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com