Electronic Components Datasheet Search
  English  ▼

X  

LTC5577 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5577
Description  300MHz to 6GHz High Signal Level Active Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5577 Datasheet(HTML) 2 Page - Linear Technology

  LTC5577 Datasheet HTML 1Page - Linear Technology LTC5577 Datasheet HTML 2Page - Linear Technology LTC5577 Datasheet HTML 3Page - Linear Technology LTC5577 Datasheet HTML 4Page - Linear Technology LTC5577 Datasheet HTML 5Page - Linear Technology LTC5577 Datasheet HTML 6Page - Linear Technology LTC5577 Datasheet HTML 7Page - Linear Technology LTC5577 Datasheet HTML 8Page - Linear Technology LTC5577 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC5577
2
5577f
For more information www.linear.com/LTC5577
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VCC, IF+, IF–) ..................................4.0V
Enable Input Voltage (EN) ................–0.3V to VCC + 0.3V
LO Input Power (300MHz to 6GHz).................... +10dBm
LO Input DC Voltage............................................... ±0.1V
RF Input Power (300MHz to 6GHz).................... +18dBm
RF Input DC Voltage............................................... ±0.1V
TEMP Monitor Input Current..................................10mA
Operating Temperature Range (TC)........ –40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
CAUTION: THIS PART IS SENSITIVE TO ELECTROSTATIC
DISCHARGE (ESD). PROPER ESD HANDLING PRECAU-
TIONS MUST BE OBSERVED.
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
RF
NC
GND
TEMP
NC
LO
GND
TJMAX = 150°C, θJC = 8°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC5577IUF#PBF
LTC5577IUF#TRPBF
5577
16-Lead (4mm
× 4mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ac elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C, VCC = 3.3V, EN = High. Test circuit shown in Figure 1. (Notes 2, 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
External Matching Required
l
300 to 6000
MHz
LO Input Frequency Range
External Matching Required
l
300 to 6000
MHz
IF Output Frequency Range
External Matching Required
l
1 to 1500
MHz
RF Input Return Loss
ZO = 50Ω, 1300MHz to 4300MHz, C3 = 8.2pF, C4 = 0.7pF
>10
dB
LO Input Return Loss
ZO = 50Ω, 930MHz to 4000MHz, C5 = 3.9pF
>10
dB
IF+, IF– Output Return Loss
ZO = 50Ω, 20MHz to 500MHz, L1, L2 = 560nH, R1, R2 = 115Ω
>10
dB
LO Input Power
–6
0
6
dBm
RF to LO Isolation
RF = 300MHz to 2500MHz
RF = 2500MHz to 4000MHz
RF = 4000MHz to 6000MHz
>64
>50
>40
dB
dB
dB
RF to IF Isolation
RF = 300MHz to 6000MHz
>30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com