Electronic Components Datasheet Search
  English  ▼

X  

LTC5577 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5577
Description  300MHz to 6GHz High Signal Level Active Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5577 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5577 Datasheet HTML 12Page - Linear Technology LTC5577 Datasheet HTML 13Page - Linear Technology LTC5577 Datasheet HTML 14Page - Linear Technology LTC5577 Datasheet HTML 15Page - Linear Technology LTC5577 Datasheet HTML 16Page - Linear Technology LTC5577 Datasheet HTML 17Page - Linear Technology LTC5577 Datasheet HTML 18Page - Linear Technology LTC5577 Datasheet HTML 19Page - Linear Technology LTC5577 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC5577
20
5577f
For more information www.linear.com/LTC5577
LINEAR TECHNOLOGY CORPORATION 2013
LT 1213 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC5577
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
Infrastructure
LTC5567
400MHz to 4GHz, Active Downconverting Mixer
1.9dB Gain, 26.9dBm IIP3 and 11.8dB NF at 1950MHz, 3.3V/89mA Supply
LTC5510
1MHz to 6GHz Wideband High Linearity Active Mixer
1.5dB Gain, Up- and Downconversion, 3.3V or 5V Supply
LTC5551
300MHz to 3.5GHz Ultrahigh Dynamic Range
Downconverting Mixer
2.4dB Gain, 36dBm IIP3, <10dB NF, 3.3V/204mA Supply
LTC559x
600MHz to 4.5GHz Dual Downconverting Mixer Family 8.5dB Gain, 26.5dBm IIP3, 9.9dB NF, 3.3V/380mA Supply
LTC5569
300MHz to 4GHz, 3.3V Dual Active Downconverting
Mixer
2dB Gain, 26.8dBm IIP3 and 11.7dB NF, 3.3V/180mA Supply
LTC5541
600MHz to 4GHz, 5V Downconverting Mixer Family
8dB Gain, >25dBm IIP3 and 10dB NF, 3.3V/200mA Supply
LTC6400-X
300MHz Low Distortion IF Amp/ADC Driver
Fixed Gain of 8dB, 14dB, 20dB and 26dB; >36dBm OIP3 at 300MHz,
Differential I/O
LTC6412
31dB Linear Analog VGA
35dBm OIP3 at 240MHz, Continuous Gain Range –14dB to 17dB
LT5554
Ultralow Distort IF Digital VGA
48dBm OIP3 at 200MHz, 2dB to 18dB Gain Range, 0.125dB Gain Steps
LTC6430-15
High Linearity Differential IF Amplifier
50dBm OIP3 at 240MHz, 15dB Gain, 3dB NF
LTC6431-15
High Linearity 50Ω Gain Block
47dBm OIP3 at 240MHz, NF = 3.3dB, 15.5dB Gain, Single-Ended 50Ω Input and
Output Ports
RF Power Detectors
LT5538
40MHz to 3.8GHz Log Detector
±0.8dB Accuracy Over Temperature, –72dBm Sensitivity, 75dB Dynamic Range
LT5581
6GHz Low Power RMS Detector
40dB Dynamic Range, ±1dB Accuracy Over Temperature, 1.5mA Supply Current
LTC5582
40MHz to 10GHz RMS Detector
±0.5dB Accuracy Over Temperature, ±0.2dB Linearity Error, 57dB Dynamic
Range
LTC5583
Dual 6GHz RMS Power Detector
Up to 60dB Dynamic Range, ±0.5dB Accuracy Over Temperature, >50dB
Isolation
ADCs
LTC2208
16-Bit, 130Msps ADC
78dBFS Noise Floor, >83dB SFDR at 250MHz
LTC2153-14
14-Bit, 310Msps Low Power ADC
68.8dBFS SNR, 88dB SFDR, 401mW Power Consumption
EN
EN
3.3V
1nF
VCC
LTC5577
IADJ
8.2pF
RF
LO
3.9pF
BIAS
RF
LO
5577 TA03
IF–
1nF
1nF
IFOUT
50
R1
R2
IF+
560nH
T1
560nH
1nF
0.7pF
Measured Performance Using 50Ω, 100Ω, 200Ω and 400Ω Differential IF Output Impedance
RF = 1900MHz, IF = 153MHz, Low Side LO,
PLO = 0dBm, TC = 25°C
ZIF
(DIFF) R1, R2
T1
(RATIO)
GC
(dB)
IIP3
(dBm)
Input
P1dB
(dBm)
10dB IF
Return Loss
BW (MHz)
50Ω 53.6Ω TC1-1+
(1:1)
–2.8 30.9
17.0
9-855
100Ω 115Ω TC2-1T+
(2:1)
0.2
30.1
15.2
20-636
200Ω 249Ω TC4-1W+
(4:1)
2.2
29.6
12.2
35-300
400Ω Open
TC8-1+
(8:1)
4.0
27.4
8.1
54-193
Measured performance includes IF transformer loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com