Electronic Components Datasheet Search
  English  ▼

X  

LTC5589 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 18Page - Linear Technology LTC5589 Datasheet HTML 19Page - Linear Technology LTC5589 Datasheet HTML 20Page - Linear Technology LTC5589 Datasheet HTML 21Page - Linear Technology LTC5589 Datasheet HTML 22Page - Linear Technology LTC5589 Datasheet HTML 23Page - Linear Technology LTC5589 Datasheet HTML 24Page - Linear Technology LTC5589 Datasheet HTML 25Page - Linear Technology LTC5589 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
LTC5589
22
5589f
For more information www.linear.com/LTC5589
block DiagraM
90°
0°
I-CHANNEL
Q-CHANNEL
RF
EN
LOL LOC
THERMOMETER
16
3
7
13
GND
5
2
11
10
9
8
22
SCLK
24
BBPI
BBMI
BBPQ
BBMQ
21
20
19
CSB
1
4
5589 BD
GND
6
17
VCC
TTCK
25
14 15
18
SDI SDO
TEMP
12
23
SPI
VCTRL
V I
V I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com