Electronic Components Datasheet Search
  English  ▼

X  

LTC5589 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 36Page - Linear Technology LTC5589 Datasheet HTML 37Page - Linear Technology LTC5589 Datasheet HTML 38Page - Linear Technology LTC5589 Datasheet HTML 39Page - Linear Technology LTC5589 Datasheet HTML 40Page - Linear Technology LTC5589 Datasheet HTML 41Page - Linear Technology LTC5589 Datasheet HTML 42Page - Linear Technology LTC5589 Datasheet HTML 43Page - Linear Technology LTC5589 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
LTC5589
40
5589f
For more information www.linear.com/LTC5589
appenDix
Table 7. Register 0x05 Phase Shift Register Settings, Including
the Extension Bits and Sign Bit (Bit 7 in Register 0x00)
MPH
NCOARSE
NPH
BPH
1
0
17
x00010001
2
0
18
x00010010
3
0
19
x00010011
4
0
20
x00010100
5
0
21
x00010101
6
0
22
x00010110
7
0
23
x00010111
8
0
24
x00011000
9
0
25
x00011001
10
0
26
x00011010
11
0
27
x00011011
12
0
28
x00011100
13
0
29
x00011101
14
0
30
x00011110
15
0
31
x00011111
16
32
0
100100000
17
32
1
100100001
18
32
2
100100010
19
32
3
100100011
20
32
4
100100100
21
32
5
100100101
22
32
6
100100110
23
32
7
100100111
24
32
8
100101000
25
32
9
100101001
26
32
10
100101010
27
32
11
100101011
28
32
12
100101100
29
32
13
100101101
30
32
14
100101110
31
32
15
100101111
32
32
16
100110000
33
32
17
100110001
34
32
18
100110010
35
32
19
100110011
36
32
20
100110100
37
32
21
100110101
38
32
22
100110110
39
32
23
100110111
40
32
24
100111000
41
32
25
100111001
(continued)
Table 7. Register 0x05 Phase Shift Register Settings, Including
the Extension Bits and Sign Bit (Bit 7 in Register 0x00)
MPH
NCOARSE
NPH
BPH
42
32
26
100111010
43
32
27
100111011
44
32
28
100111100
45
32
29
100111101
46
32
30
100111110
47
32
31
100111111
48
64
0
101000000
49
64
1
101000001
50
64
2
101000010
51
64
3
101000011
52
64
4
101000100
53
64
5
101000101
54
64
6
101000110
55
64
7
101000111
56
64
8
101001000
57
64
9
101001001
58
64
10
101001010
59
64
11
101001011
60
64
12
101001100
61
64
13
101001101
62
64
14
101001110
63
64
15
101001111
64
64
16
101010000
65
64
17
101010001
66
64
18
101010010
67
64
19
101010011
68
64
20
101010100
69
64
21
101010101
70
64
22
101010110
71
64
23
101010111
72
64
24
101011000
73
64
25
101011001
74
64
26
101011010
75
64
27
101011011
76
64
28
101011100
77
64
29
101011101
78
64
30
101011110
79
64
31
101011111
80
96
0
101100000
81
96
1
101100001
82
96
2
101100010
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com