Electronic Components Datasheet Search
  English  ▼

X  

LTC5589 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 3 Page - Linear Technology

  LTC5589 Datasheet HTML 1Page - Linear Technology LTC5589 Datasheet HTML 2Page - Linear Technology LTC5589 Datasheet HTML 3Page - Linear Technology LTC5589 Datasheet HTML 4Page - Linear Technology LTC5589 Datasheet HTML 5Page - Linear Technology LTC5589 Datasheet HTML 6Page - Linear Technology LTC5589 Datasheet HTML 7Page - Linear Technology LTC5589 Datasheet HTML 8Page - Linear Technology LTC5589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LTC5589
3
5589f
For more information www.linear.com/LTC5589
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, PLO = 0dBm, BBPI, BBMI, BBPQ,
BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz, 2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90°
shifted, lower sideband selection, all registers set to default values, unless otherwise noted. Test circuit is shown in Figure 12.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOFT
Carrier Leakage (LO Feedthrough) (Note 7)
EN = Low (Note 7)
–46
–71
dBm
dBm
2LOFT
LO Feedthrough at 2xLO
–62.5
dBm
2LO
Signal Powers at 2xLO
Maximum of 2fLO – 2fBB; 2fLO – fBB; 2fLO + fBB,
2fLO + 2fBB
–49.1
dBc
3LOFT
LO Feedthrough at 3xLO
–57.9
dBm
3LO
Signal Powers at 3xLO
Maximum of 3fLO – fBB; 3fLO + fBB
–10.6
dBc
BW1dBBB
–1dB Baseband Bandwidth
RSOURCE = 50Ω, Differential
43
MHz
BW3dBBB
–3dB Baseband Bandwidth
RSOURCE = 50Ω, Differential
91
MHz
fLO = 1800MHz, fRF1 = 1797.9MHz, fRF2 = 1798MHz, Register 0x00 = 0x4B (Decimal 75), L1 = 4.7nH, C5 = 2pF, C18 = 0.2pF
S22(ON)
RF Port Return Loss
–21
dB
fLO(MATCH) LO Match Frequency Range
S11 < –10dB
0.84 to 5.8
GHz
Gain
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–9.7
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
–5.7
dBm
OP1dB
Output 1dB Compression
4.6
dBm
OIP2
Output 2nd Order Intercept
(Note 5)
60.4
dBm
OIP3
Output 3rd Order Intercept
(Note 6)
19
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–158.8
dBm/Hz
SB
Side-Band Suppression
(Note 7)
–50
dBc
LOFT
Carrier Leakage (LO Feedthrough) (Note 7)
EN = Low (Note 7)
–43
–52
dBm
dBm
2LOFT
LO Feedthrough at 2xLO
–61.3
dBm
2LO
Signal Powers at 2xLO
Maximum of 2fLO – 2fBB; 2fLO – fBB; 2fLO + fBB,
2fLO + 2fBB
–47
dBc
3LOFT
LO Feedthrough at 3xLO
–73.8
dBm
3LO
Signal Powers at 3xLO
Maximum of 3fLO – fBB; 3fLO + fBB
–18.6
dBc
Gain from LO to RF
BBPI = BBPQ = 1.9V
10
dB
LO Input Noise Figure
BBMI = BBMQ = 0.9V
12.5
dB
LO Input 3rd Order Intercept
(Vector Modulator)
–2
dBm
BW1dBBB
–1dB Baseband Bandwidth
RSOURCE = 50Ω, Differential
92
MHz
BW3dBBB
–3dB Baseband Bandwidth
RSOURCE = 50Ω, Differential
168
MHz
fLO = 2500MHz, fRF1 = 2497.9MHz, fRF2 = 2498MHz, Register 0x00 = 0x3F (Decimal 63), L1 = 4.7nH, C5 = 2pF, C18 = 0.2pF
S22(ON)
RF Port Return Loss
–21
dB
fLO(MATCH) LO Match Frequency Range
S11 < –10dB
0.86 to 6
GHz
Gain
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–10.2
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
–6.2
dBm
OP1dB
Output 1dB Compression
3.9
dBm
OIP2
Output 2nd Order Intercept
(Note 5)
62
dBm
OIP3
Output 3rd Order Intercept
(Note 6)
17.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com