Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4662
Description  Dual 15A or Single 30A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4662 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4662 Datasheet HTML 9Page - Linear Technology LTM4662 Datasheet HTML 10Page - Linear Technology LTM4662 Datasheet HTML 11Page - Linear Technology LTM4662 Datasheet HTML 12Page - Linear Technology LTM4662 Datasheet HTML 13Page - Linear Technology LTM4662 Datasheet HTML 14Page - Linear Technology LTM4662 Datasheet HTML 15Page - Linear Technology LTM4662 Datasheet HTML 16Page - Linear Technology LTM4662 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTM4662
13
4662f
For more information www.linear.com/LTM4662
Figure 2. 2-Phase Parallel Configurations
APPLICATIONS INFORMATION
• Tie the RUN pins to the RUN pins of the first module.
• Tie the VFB2 pin to the VFB2 pin of the first module.
Use 1/2 the value for RFB2 and RFB3.
• Tie the VOUTS2– pin to the VOUTS2– pin of the
firstmodule.
• Tie VOUTS2 of both modules together then to the
remote sense output.
• Tie the TRACK/SS2 pin to the TRACK/SS2 pin of the
first module.
See Figure 22 for an example.
Input Capacitors
The LTM4662 module should be connected to a low AC
impedance DC source. For the regulator input, four 10F
input ceramic capacitors are used for RMS ripple current.
A 47F to 100F surface mount aluminum electrolytic bulk
capacitor can be used for more input bulk capacitance.
This bulk input capacitor is only needed if the input
source impedance is compromised by long inductive
leads, traces or not enough source capacitance. If low
impedance power planes are used, then this bulk capaci-
tor is not needed.
For a buck converter, the switching duty-cycle can be
estimated as:
D =
VOUT
VIN
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1− D
(
)
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated aluminum electrolytic capacitor, polymer capacitor.
The LTM4662 is designed for low output voltage ripple
noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, low ESR polymer capacitor or
+
+
RUN1
PGOOD1
SW1
VOUT1
VOUTS1
FREQ VIN1 VIN2 CPWR
DRVCC INTVCC
INTVCC
EXTVCC PHASMD
VFB1
VRNG
VOUTS1–
COMP1A
COMP1B
TRACK/SS1
RUN2
PGOOD2
SW2
VOUT2
VOUTS2
VFB2
VOUTS2–
COMP2A
COMP
COMP2B
TRACK/SS2
MODE_PLLIN TEMP1+ TEMP1– SGND GND TEMP2+ TEMP2– CLKOUT
LTM4662
4662 F02
PGOOD2
100µF
×3
RUN
INTVCC
10k
VOUT
1.2V
AT 30A
60.4k
30.1k
REMOTE
SENSED GND
150pF
CHANNEL 2 TEMP MONITOR DIODE
CHANNEL 1 TEMP MONITOR DIODE
INTVCC
INTVCC
100F
×3
115k
10F
25V
×4
4.5V TO 20V
130k
100F
25V
COMP
0.1F
47pF
7.15k
CCOMP
1500pF
470F
2.5V
POSCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com