Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4662
Description  Dual 15A or Single 30A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4662 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4662 Datasheet HTML 16Page - Linear Technology LTM4662 Datasheet HTML 17Page - Linear Technology LTM4662 Datasheet HTML 18Page - Linear Technology LTM4662 Datasheet HTML 19Page - Linear Technology LTM4662 Datasheet HTML 20Page - Linear Technology LTM4662 Datasheet HTML 21Page - Linear Technology LTM4662 Datasheet HTML 22Page - Linear Technology LTM4662 Datasheet HTML 23Page - Linear Technology LTM4662 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTM4662
20
4662f
For more information www.linear.com/LTM4662
APPLICATIONS INFORMATION
The LTM4662 differential output sensing can correct for
up to ±300mV of common-mode deviation in the output’s
power and ground lines on channel 1, and ±200mV on
channel 2.
To avoid noise coupling into the feedback voltages, the
resistor dividers should be placed close to the VOUTS1 and
VOUTS1–, or VOUTS2 and VOUTS2– pins. Remote output and
ground traces should be routed together as a differential
pair to the remote output. For best accuracy, these traces
to the remote output and ground should be connected as
close as possible to the desired regulation point. Review
the parallel schematics in Figure 22.
OUTPUT CURRENT RANGE PIN (VRNG)
Tying the VRNG pin to SGND will set the output current to
7.5A, and ~10A current limit. Tying the VRNG pin to INTVCC
will set the output current to 15A, and ~20A current limit.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combination
is used called a snubber circuit. The resistor will dampen
the resonance and the capacitor is chosen to only affect
the high frequency ringing.
If the stray inductance or capacitance can be measured
or approximated then a somewhat analytical technique
can be used to select the snubber values. The inductance
is usually easier to predict. It combines the power path
board inductance in combination with the MOSFET inter-
connect bond wire inductance. First the SW pin can be
monitored with a wide bandwidth scope with a high fre-
quency scope probe. The ring frequency can be measured
for its value. The impedance Z can be calculated:
Z(L) = 2πfL
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: Z(C) = 1/(2πfC). These values are a good
place to start with. Modification to these components
should be made to attenuate the ringing with the least
amount of power loss.
Temperature Monitoring (TEMP1 and TEMP2)
A diode connected NPN transistor is used for tempera-
ture monitoring. Measuring the absolute temperature of a
diode is possible due to the relationship between current,
voltage and temperature described by the classic diode
equation:
ID = IS • e
VD
η • VT
or
VD = η • VT • ln
ID
IS
where ID is the diode current, VD is the diode voltage, η
is the ideality factor (typically close to 1.0) and IS (satu-
ration current) is a process dependent parameter. VT can
be broken out to:
VT =
k • T
q
where T is the diode junction temperature in Kelvin, q is
the electron charge and k is Boltzmann’s constant. VT is
approximately 26mV at room temperature (298K) and
scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable tem-
perature sensors. The IS term in the equation above is the
extrapolated current through a diode junction when the
diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
and by definition must always be less than ID. Combining
all of the constants into one term:
KD =
η • k
q
where KD = 8.62 – 5, and knowing ln(ID/IS) is always
positive because ID is always greater than IS, leaves us
with the equation that:
VD = T(KELVIN) • KD • ln
ID
IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com