Electronic Components Datasheet Search
  English  ▼

X  

LT3086 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3086
Description  40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3086 Datasheet(HTML) 1 Page - Linear Technology

  LT3086 Datasheet HTML 1Page - Linear Technology LT3086 Datasheet HTML 2Page - Linear Technology LT3086 Datasheet HTML 3Page - Linear Technology LT3086 Datasheet HTML 4Page - Linear Technology LT3086 Datasheet HTML 5Page - Linear Technology LT3086 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1729af
DEMO MANUAL DC1729A
DESCRIPTION
LT3086
40V, 2.1A Low Dropout Adjustable
Linear Regulator with Monitoring
and Cable Drop Compensation
Demonstration circuit 1729A is a 2.1A low dropout adjust-
able linear regulator featuring the LT®3086. The device is
designed with multiple features and operates over a wide
1.4V to 40V input supply range. The LT3086 requires only
one resistor to set the output voltage from 0.4V to 32V
and it is stable with ceramic output capacitors requiring
a minimum of 10μF.
The key features of the LT3086 include programmable
cable drop compensation, master/slave configuration for
paralleling of multiple devices for higher load current and
heat spreading, output current and temperature monitor-
ing, and programmable power good flag.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
The LT3086 is offered in the packages of 16-lead DFN,
16-lead TSSOP, 7-lead DD-PAK, and a 7-lead TO-220.
The LT3086 data sheet gives a complete description of
thedevice,operationandapplicationinformation.Thedata
sheet should be read in conjunction with this quick start
guide for working on or modifying the demo circuit 1729A.
Design files for this circuit board are available at
http://www.linear.com/demo
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
VOUT = 1V, IOUT1 = 1mA
1.55
40
V
VOUT
Output Voltage
Shunt at 1, 2 for JP1
0.97
1
1.03
V
Shunt at 3, 4 for JP1
1.164
1.2
1.236
V
Shunt at 5, 6 for JP1
1.455
1.5
1.545
V
Shunt at 7, 8 for JP1
3.201
3.3
3.399
V
Shunt at 9, 10 for JP1
4.85
5
5.15
V
Shunt at 11, 12 for JP1 and R10 Stuffed as 232k
11.64
12
12.36
V
IOUT
Maximum Output Current
(Note 1)
2.1
A
Note 1: The maximum output current 2.1A is when the internal current
limit is active and when VIN-VOUT is smaller than 9V. For the maximum
output current under other conditions, please refer to the data sheet.


Similar Part No. - LT3086

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3086 LINER-LT3086_15 Datasheet
510Kb / 34P
40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
More results

Similar Description - LT3086

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
800mA fixed and adjustable low dropout linear regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
Linear Technology
LT3086 LINER-LT3086_15 Datasheet
510Kb / 34P
40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
logo
Global Mixed-mode Techn...
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
5A Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com