Electronic Components Datasheet Search
  English  ▼

X  

LT3086 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3086
Description  40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3086 Datasheet(HTML) 2 Page - Linear Technology

  LT3086 Datasheet HTML 1Page - Linear Technology LT3086 Datasheet HTML 2Page - Linear Technology LT3086 Datasheet HTML 3Page - Linear Technology LT3086 Datasheet HTML 4Page - Linear Technology LT3086 Datasheet HTML 5Page - Linear Technology LT3086 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1729af
DEMO MANUAL DC1729A
QUICK START PROCEDURE
Figure 2. Measuring Input or Output Ripple
Figure 1. DC1729A Proper Equipment Setup
Demonstration circuit 1729A is easy to set up to evalu-
ate the performance of the LT3086. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
Note: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the ter-
minals of the input or output capacitors. See Figure 2 for
proper scope probe technique.
1. Use JP1 to set the desired output voltage.
2. With power off, connect the input power supply to VIN
and GND.
3. Turn on the power at the VIN.
Note: Make sure that the VIN voltage does not exceed 40V.
4. Check for the proper output voltages:
Note: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high or
is shorted.
5. Once the proper output voltages are established, adjust
the loads within the operating range and observe
the output voltage regulation, efficiency and other
parameters.
Note: Make sure that the power dissipation is limited
below the thermal limit.
GND
VIN OR VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com