Electronic Components Datasheet Search
  English  ▼

X  

LT3086 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3086
Description  40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3086 Datasheet(HTML) 3 Page - Linear Technology

  LT3086 Datasheet HTML 1Page - Linear Technology LT3086 Datasheet HTML 2Page - Linear Technology LT3086 Datasheet HTML 3Page - Linear Technology LT3086 Datasheet HTML 4Page - Linear Technology LT3086 Datasheet HTML 5Page - Linear Technology LT3086 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1729af
DEMO MANUAL DC1729A
THERMAL IMAGE
An example thermal image shows the temperature distri-
bution on the board. The test is done in still air at room
temperature with 2.2W power dissipation in the LT3086.
This gives the IC case-to-ambient thermal resistance
θJA = 23°C/W on the demo board.
Figure 3. Temperature Rise at 2.2W Dissipation
The cable drop compensation on the DC1729A can be
turned on by placing R4 (RCDC) with a value which is gov-
erned by the following equation provided in the data sheet:
RCDC =
RMON •RSET
3000 •RWIRE
Pleasenotethatwhencabledropcompensationisactivated,
it also changes the power good threshold. R23 needs to
be the same value as R4 in order to keep the same output
voltage power good threshold at the load.
CABLE DROP COMPENSATION
POWER GOOD SETTING
The power good setting jumper JP2 on the DC1729A is
used for setting the power good threshold for the cor-
responding output voltages. JP2 needs to be configured
at the same position as JP1 for any specific output volt-
ages. For example, when JP1 is configured on 7 and 8 for
3.3VOUT, JP2 also needs to be configured on 7 and 8 for
the correct power good setting for 3.3VOUT.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com