Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 6 Page - Linear Technology

  LT8697 Datasheet HTML 1Page - Linear Technology LT8697 Datasheet HTML 2Page - Linear Technology LT8697 Datasheet HTML 3Page - Linear Technology LT8697 Datasheet HTML 4Page - Linear Technology LT8697 Datasheet HTML 5Page - Linear Technology LT8697 Datasheet HTML 6Page - Linear Technology LT8697 Datasheet HTML 7Page - Linear Technology LT8697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1973af
DEMO MANUAL DC1973A
parts List
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
15
1
R11
Res., Chip, 0Ω, 0.25W, 1206
VISHAY, CRCW12060000Z0EA
16
0
R13
Res., Chip, 1206
17
1
R15
Res., Chip, 75k, 0.1W, 1% 0603
VISHAY, CRCW060375K0FKEA
18
1
R16
Res., Chip, 43.2k, 0.1W, 1% 0603
VISHAY, CRCW060343K2FKEA
19
2
R17, R18
Res., Chip, 49.9k, 0.1W, 1% 0603
VISHAY, CRCW060349K9FKEA
20
1
R19
Res., Chip, 10k, 0.1W, 5% 0603
VISHAY, CRCW060310K0JNEA
21
1
R20
Res., Chip, 2M, 0.1W, 1% 0603
VISHAY, CRCW06032M00FKEA
22
2
R21, R24
Res., Chip, 2Ω, 0.25W, 5% 1206
VISHAY, CRCW12062R00JNEA
23
1
U2
I.C., Oscillator, TSOT-23-S5
LINEAR TECH., LT6900CS5#PBF
Hardware: For Demo Board Only
1
13
E1-E13
Turret, Testpoint
MILL-MAX, 2501-2-00-80-00-00-07-0
2
4
E15-E18
Testpoint, Turret, 0.061"
MILL-MAX, 2308-2-00-80-00-00-07-0
3
5
X1-X5
Headers, Sgl. Row 3 Pins 2mm Ctrs.
SULLINS, NRPN031PAEN-RC
4
5
xX1-xX5
Shunt, 2mm Ctrs.
SAMTEC, 2SN-BK-G
5
1
J3
USB, Right Angle, Receptacle
CnC TECH LLC, 1002-001-01000
6
4
MH1-MH4
Stand-Off, Nylon 0.375"
KEYSTONE, 8832(SNAP ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com