Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 1 Page - Linear Technology

  LT8697 Datasheet HTML 1Page - Linear Technology LT8697 Datasheet HTML 2Page - Linear Technology LT8697 Datasheet HTML 3Page - Linear Technology LT8697 Datasheet HTML 4Page - Linear Technology LT8697 Datasheet HTML 5Page - Linear Technology LT8697 Datasheet HTML 6Page - Linear Technology LT8697 Datasheet HTML 7Page - Linear Technology LT8697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1973af
DEMO MANUAL DC1973A
Description
LT8697
USB 5V 2.5A Output, 42V Input Synchronous
Buck with Cable Drop Compensation
Demonstration circuit 1973A is a USB 5V 2.5A output, 42V
input synchronous buck with cable drop compensation
featuring the LT®8697. The LT8697 is a compact, high
efficiency,highspeedsynchronousmonolithicstep-down
switching regulator designed to power 5V USB applica-
tions. Top and bottom power switches, compensation
components and other necessary circuits are inside of
the LT8697 to minimize external components and simplify
design. A precise output voltage and programmable cable
drop compensation maintain accurate 5V regulation at the
USB socket at the end of a long cable.
The circuit runs at 2MHz to minimize external components
size and to avoid AM band. The demo board has an EMI
filter installed. The conducted EMI performance of the
board is shown on Figure 2. The figure shows the circuit
passes the EN55022 Class B with a wide margin.
When the load current is being drawn from VCABLE, the
load current is limited by the current limit of the LT8697
or by 5.8V limit at VOUT, whichever comes first. The
rated load current of the demonstration circuit is set at
2.1A, enough for all USB applications. If higher voltage or
higher current is needed at VCABLE, refer to application
examples on the data sheet. If VCABLE is not connected
to any load, VOUT can be used to power up a load. VSYS
can also be used to supply a small load.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Whenprobingtheboard,payattentiontoGNDandC_GND.
Onthedemonstrationboard,theyareconnectedtogetherby
default through R13 so a user can connect the ground clip
of a probe to C_GND. However, if a user wants to evaluate
an actual cable, the cable will replace R4 and R13. The
copper between pads of R13 should be cut open. In this
case, C_GND is no longer the same as GND. A differential
measurement is needed to probe across the point of load.
The demonstration board also includes a USB socket.
With the proper configuration of jumpers X1, X2, X3 and
X4, the USB can be configured for different applications.
See Table 1 for configurations.
A 500mA onboard step load can also be activated to evalu-
ate the load transient response of the circuit. To active the
step load, simply set jumper X5 to V+.
The LT8697 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for demo circuit 1973A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1973A


Similar Part No. - LT8697

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8697 LINEAR_DIMENSIONS-LT8697 Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Analog Devices
LT8697 AD-LT8697 Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
logo
Linear Dimensions Semic...
LT8697EUDD LINEAR_DIMENSIONS-LT8697EUDD Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT8697IUDD LINEAR_DIMENSIONS-LT8697IUDD Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Technology
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
More results

Similar Description - LT8697

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Linear Dimensions Semic...
LT8697 LINEAR_DIMENSIONS-LT8697 Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3697 LINER-LT3697_15 Datasheet
445Kb / 32P
USB 5V, 2.5A Output, 35V Input Buck with Cable Drop Compensation
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LTC3126 LINER-LTC3126 Datasheet
1Mb / 30P
42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
logo
Texas Instruments
TPS25840-Q1 TI1-TPS25840-Q1 Datasheet
3Mb / 57P
TPS2584x-Q1 USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
logo
Analog Devices
LT8698S AD-LT8698S Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
logo
Texas Instruments
TPS25840-Q1 TI-TPS25840-Q1_V01 Datasheet
6Mb / 63P
TPS2584x-Q1 Automotive USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com