Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 2 Page - Linear Technology

  LT8697 Datasheet HTML 1Page - Linear Technology LT8697 Datasheet HTML 2Page - Linear Technology LT8697 Datasheet HTML 3Page - Linear Technology LT8697 Datasheet HTML 4Page - Linear Technology LT8697 Datasheet HTML 5Page - Linear Technology LT8697 Datasheet HTML 6Page - Linear Technology LT8697 Datasheet HTML 7Page - Linear Technology LT8697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1973af
DEMO MANUAL DC1973A
Figure 1. LT8697 Demo Circuit EMI Performance, Switching Frequency = 2MHz
Description
Table 1. Configure X1 – X4 for Different USB Applications
X1
X2
X3
X4
J3
Do Not Care
Do Not Care
Do Not Care
OPEN
Not in USE
OPEN
OPEN
SHORT
SET
USB - DCP
D+
D-
OPEN
SET
USB - APPLE 2.1A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com