Electronic Components Datasheet Search
  English  ▼

X  

LTC2389 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2389
Description  18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2389 Datasheet(HTML) 1 Page - Linear Technology

  LTC2389 Datasheet HTML 1Page - Linear Technology LTC2389 Datasheet HTML 2Page - Linear Technology LTC2389 Datasheet HTML 3Page - Linear Technology LTC2389 Datasheet HTML 4Page - Linear Technology LTC2389 Datasheet HTML 5Page - Linear Technology LTC2389 Datasheet HTML 6Page - Linear Technology LTC2389 Datasheet HTML 7Page - Linear Technology LTC2389 Datasheet HTML 8Page - Linear Technology LTC2389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc1826afa
DEMO MANUAL DC1826A
DESCRIPTION
LTC2389
18-Bit/16-Bit, 2.5Msps Low Noise,
SAR ADCs with Pin-Configurable
Analog Input Range
Demonstration circuit 1826A features the LTC®2389 low
noise, high speed successive approximation register ADC
which operates from a single 5V supply. The following
text refers to the LTC2389-18, but also applies to the
LTC2389-16, the only difference being the number of bits.
The LTC2389-18 supports pin-configurable fully differential
(±4.096V), pseudo-differential unipolar (0V to 4.096V), and
pseudo-differential bipolar (±2.048V) analog input ranges,
allowing it to interface with multiple signal chain formats.
The LTC2389-18 achieves ±2.5LSB INL (maximum), with
no missing codes at 18 bits.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and PScope
and QuikEval are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
BOARD PHOTO
The DC1826A demonstrates the performance of the
LTC2389-18 in conjunction with the DC718 QuikEval™ II
data collection board.
The demonstration circuit 1826A is intended to demon-
strate recommended grounding, component placement
and selection, routing and bypassing for this ADC. Several
suggested driver circuits for the analog inputs will be
presented.
Design files for this circuit board are available at
http://www.linear.com/demo
Figure 1. DC1826A Connection Diagram


Similar Part No. - LTC2389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2389-16 LINER-LTC2389-16 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC2389-16 LINER-LTC2389-16 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2389-16 LINER-LTC2389-16 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2389-16 LINER-LTC2389-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2389-16 LINER-LTC2389-16 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2389

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Burr-Brown (TI)
ADS1602 BURR-BROWN-ADS1602 Datasheet
397Kb / 26P
16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Maxim Integrated Produc...
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Texas Instruments
ADS1602 TI1-ADS1602 Datasheet
778Kb / 29P
16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2315 LINER-LTC2315 Datasheet
2Mb / 12P
12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
16-/18-Bit, Octal 200ksps SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Linear Integrated Syste...
LTC2389-18 LINEAR-LTC2389-18 Datasheet
908Kb / 40P
18-Bit, 2.5Msps SAR ADC with Pin-Configurable Analog Input Range and 99.8dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com