Electronic Components Datasheet Search
  English  ▼

X  

LTC2389 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2389
Description  18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2389 Datasheet(HTML) 3 Page - Linear Technology

  LTC2389 Datasheet HTML 1Page - Linear Technology LTC2389 Datasheet HTML 2Page - Linear Technology LTC2389 Datasheet HTML 3Page - Linear Technology LTC2389 Datasheet HTML 4Page - Linear Technology LTC2389 Datasheet HTML 5Page - Linear Technology LTC2389 Datasheet HTML 6Page - Linear Technology LTC2389 Datasheet HTML 7Page - Linear Technology LTC2389 Datasheet HTML 8Page - Linear Technology LTC2389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc1826afa
DEMO MANUAL DC1826A
the 50Ω terminator (R6) be removed. Slow rising edges
may compromise the SNR of the converter in the presence
of high amplitude higher frequency input signals.
Data Output
Parallel data output from this board (0V to 3.3V default),
if not connected to the DC718, can be acquired by a logic
analyzer, and subsequently imported into a spreadsheet, or
mathematical package depending on what form of digital
signal processing is desired. Alternatively, the data can be
fed directly into an application circuit. Use Pin 3 of J4 to
latch the data. The data can be latched using either edge
of this signal. The data output signal levels at J4 can also
be reduced to 0V to 2.5V if the application circuit cannot
tolerate the higher voltage. This is accomplished by mov-
ing JP4 to the 2.5V position.
Reference
The default reference is the LTC2389-18’s internal 4.096V
reference.Ifanexternalreferenceisdesiredusetheon-board
LTC6655-4.096 reference. It is enabled by stuffing 0Ω
resistors R7, R9 and R10 and removing 0Ω resistor R8.
Analog Input
The default driver for the analog inputs of the LTC2389-18
on the DC1826A is shown in Figure 2. This circuit converts
a single-ended 0V to 4.096V input signal applied at AIN+
into a differential signal with a swing of ±4.096V between
the +IN and –IN inputs of the ADC. In addition, this circuit
band limits the input frequencies to approximately 16MHz.
It is also possible to drive the LTC2389-18 pseudo differ-
entially both with unipolar and bipolar outputs. The circuit
of Figure 3 shows the pseudo-differential unipolar driver.
This is connected on the DC1826A by removing R27 and
placing 0Ω resistors in the R31 and R42 positions.
Figure 4 shows the pseudo-differential bipolar driver circuit.
This is connected on the DC1826A by removing R29, R30,
C25 and C26 and placing 0Ω in the R30 position.
Alternatively, if your application circuit produces a differ-
ential signal which can drive the ADC, the circuit shown in
Figure 5 can be used. This is connected in the DC1826A
by removing R29, R30, R37, C23, C25 and C26 and by
adding a 0Ω resistor for R30 and R25. At this point it will
be necessary to drive both AIN+ and AIN–.
Figure 2. Default Driver Circuit
Figure 3. Pseudo-Differential Unipolar Driver
Figure 4. Pseudo-Differential Bipolar Driver
Figure 5. Fully Differential Driver
DC1826A SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com