Electronic Components Datasheet Search
  English  ▼

X  

LTC2389 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2389
Description  18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2389 Datasheet(HTML) 4 Page - Linear Technology

  LTC2389 Datasheet HTML 1Page - Linear Technology LTC2389 Datasheet HTML 2Page - Linear Technology LTC2389 Datasheet HTML 3Page - Linear Technology LTC2389 Datasheet HTML 4Page - Linear Technology LTC2389 Datasheet HTML 5Page - Linear Technology LTC2389 Datasheet HTML 6Page - Linear Technology LTC2389 Datasheet HTML 7Page - Linear Technology LTC2389 Datasheet HTML 8Page - Linear Technology LTC2389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
dc1826afa
DEMO MANUAL DC1826A
AC-Coupling the Inputs
The circuit in Figure 5 can be AC-coupled on the DC1826A
by putting JP1 and JP2 in the AC position and adding a
1k resistor at the R11 and R40 locations. Using just JP1
and adding R11 allows a single-ended input signal to be
AC-coupled. AC-coupling the inputs may degrade the
distortion performance of the ADC due to nonlinearity of
the coupling capacitors (C12 and C31).
Data Collection
For SINAD, THD or SNR testing, a low noise, low distortion
generator such as the B&K Type 1051 or Stanford Research
DS360 should be used. A low jitter RF oscillator such as
the HP8644 or DC1216A-A is used as the clock source.
This demo board is tested in-house by attempting to du-
plicate the FFT plot shown in Figure 7a of the LTC2389-18
data sheet. This involves using a 2.5MHz clock source,
along with a sinusoidal generator at a frequency of 2kHz.
The input signal level is approximately –1dBfs. The input
is level shifted and filtered with the circuit shown in Fig-
ure 6. A typical FFT obtained with DC1826A is shown in
Figure 7. Note that to calculate the real SNR, the signal
level (F1 amplitude = –0.998dB) has to be added back to
the SNR that PScope displays. With the example shown in
Figure 7 this means that the actual SNR would be 98.50dB
instead of the 97.52dB that PScope displays. Taking the
RMS sum of the recalculated SNR and the THD yields a
SINAD of 98dB which is fairly close to the typical number
for this ADC.
There are a number of scenarios that can produce mis-
leading results when evaluating an ADC. One that is
common is feeding the converter with a frequency that
is a submultiple of the sample rate, and which will only
exercise a small subset of the possible output codes.
The proper method is to pick an M/N frequency for the
input sine wave frequency. N is the number of samples
in the FFT. M is a prime number between one and N/2.
Multiply M/N by the sample rate to obtain the input sine
wave frequency. Another scenario that can yield poor
results is if you do not have a signal generator capable of
ppm frequency accuracy or if it cannot be locked to the
clock frequency. You can use an FFT with windowing to
reduce the “leakage” or spreading of the fundamental, to
get a close approximation of the ADC performance. If an
amplifier or clock source with poor phase noise is used,
the windowing will not improve the SNR.
Layout
As with any high performance ADC, this part is sensitive
to layout. The area immediately surrounding the ADC on
the DC1826A should be used as a guideline for placement,
and routing of the various components associated with the
ADC. Here are some things to remember when laying out
a board for the LTC2389-18. A ground plane is necessary
to obtain maximum performance.
Keep bypass capacitors as close to supply pins as pos-
sible. Use individual low impedance returns for all bypass
capacitors. Use of a symmetrical layout around the analog
inputs will minimize the effects of parasitic elements. Shield
analog input traces with ground to minimize coupling from
other traces. Keep traces as short as possible.
Component Selection
When driving a low noise, low distortion ADC such as
the LTC2389-18, component selection is important so
as to not degrade performance. Resistors should have
low values to minimize noise and distortion. Metal film
resistors are recommended to reduce distortion caused
by self heating. Because of their low voltage coefficients,
to further reduce distortion NPO or silver mica capacitors
should be used. Any buffer used to drive the LTC2389-18
should have low distortion, low noise and a fast settling
time such as the LT6350.
DC1826A SETUP
Figure 6. Level-Shift Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com