Electronic Components Datasheet Search
  English  ▼

X  

MP103 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems MP103 Datasheet HTML 17Page - Monolithic Power Systems MP103 Datasheet HTML 18Page - Monolithic Power Systems MP103 Datasheet HTML 19Page - Monolithic Power Systems MP103 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
18
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FLOW CHART
(
12)
Start
VIN<29.55V
Turn On Driver,
IDRSTARTUP=19mA
N
Y
UVLO, OTP, Vo SCP, OLP Protection are auto restart
VIN>32.75V
VIN>71V
Slowly Turn Off
Driver of BJT
Fast Turn Off Driver
of BJT
VB>15.25V
VB<7.6V
Turn On LDO
IDR=200mA
Turn Off LDO
Turn On Active
Bleeder
Turn Off Active
Bleeder
Slowly Turn On
(13)
Driver, IB=200mA
Slowly Turn Off
Driver, IB=200mA
Monitor Output
Current
IOUTLMT=170mA
Monitor VRT
VRT<0.8V
Thermal Monitor
TSD=Logic High
Y
Y
Y
Y
Y
Y
Y
Y
YY
N
N
NN
N
N
N
NN
N
Y
Y
VB<VOUT+7.25V
VB>VOUT+7.95V
Monitor VB and
VOUT
VB>VOUT+9V
VB<VOUT+8.1V
Notes:
12) The parameters in the flow chart refer to the 12V output voltage.
13) The ‘slowly turn on’ only happens when VIN is from high voltage to low voltage through VIN slow turn on threshold while VB is lower than
its turn on threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com