Electronic Components Datasheet Search
  English  ▼

X  

MP103 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 10Page - Monolithic Power Systems MP103 Datasheet HTML 11Page - Monolithic Power Systems MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems MP103 Datasheet HTML 17Page - Monolithic Power Systems MP103 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
14
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFROMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set to 12V by internal large
feedback resistors. Typically, the internal upper
and lower feedback resistor is 1.125MΩ and
125kΩ respectively. Adjust VOUT by choosing
appropriate external feedback resistors. The
recommended output voltage is between 1.5V
and 15V. Defining the upper and lower feedback
resistors as RUP and RLW respectively (refer to the
picture in Typical Application section):
=×
−
UP
LW
VOUT
RR
(
1)
1.235
For the external resistors to dominate over the
internal resistors, select relatively small values of
RUP and RLW compared to the internal resistors.
However, to minimize the load consumption,
avoid very small external resistors. For most
applications, choose RLW=10.2kΩ. To accurately
set the output voltage, select RUP that can
counter the internal upper-feedback resistor
value of 1.125MΩ typically. The table below lists
typical resistor values for different output
voltages.
Table 1: Resistors Selecting vs. Output
Voltage Setting
VOUT (V)
RUP (kΩ)
RLW (kΩ)
1.5
2.21 (1%)
10.2 (1%)
3.3
16.9 (1%)
10.2 (1%)
5
30.9 (1%)
10.2 (1%)
15
121 (1%)
10.2 (1%)
Selection of VB Capacitor
The bypass capacitor on the VB pin needs to be
sufficiently large to support sufficient energy.
Calculate the capacitance (in μF) based on the
following equation:
×τ
= OUT
s
VB
ripple
I
C
V
Where, IOUT is the output current (mA);
s
τ is
based on the type of input rectifier—for example,
s
τ is 20ms for a half-wave rectifier, and 10ms for
a full-bridge rectifier, Vripple is the voltage ripple on
the VB capacitor—normally the ripple is limited to
2V to 3V. For best results, use a small ceramic
capacitor and a large aluminum capacitor in
parallel.
Output Power Capability
The following factors influence the MP103’s
maximum output power: the input rectifier (full
bridge or half-wave); the VB capacitor connected
between VB and GND; the DC current gain and
collector current of external BJT; the output
voltage and the temperature-rise requirement of
key components, which is relevant to different
application environments.
VAC
VIN
VAC
GND
VIN
GND
Full Bridge Rectifier
Half-wave Rectifier
Figure 5 depicts the relationship between the
maximum output power and the VIN voltage
when the output voltage is 12V, 5V and 3.3V
respectively. The plots account for the full bridge
rectifiers, the temperature rise of MP103 is less
than 60 oC on the test board in 25 oC room
temperature test.
0
200
400
600
800
1000
1200
1400
85 115 145 175 205 235 265 295
Figure 5: Output Power vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com