Electronic Components Datasheet Search
  English  ▼

X  

MP103 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 11Page - Monolithic Power Systems MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems MP103 Datasheet HTML 17Page - Monolithic Power Systems MP103 Datasheet HTML 18Page - Monolithic Power Systems MP103 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
15
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EMI
To meet the relevant conducted emissions
standard, slowly rise and fall the driver current is
adopted to turn on and turn off the external BJT.
Using this control method, a smaller X cap
connected between the input ports will pass EMI
with enough margins.
Besides, a capacitor connected between DR and
VB will further slow down the switching process
of external BJT for better EMI performance. The
larger value this capacitor used, the slower
switching process and better EMI performance
will be got, however, the more power losses will
be introduced by this capacitor and the longer
startup process will be, so it is a compromise to
select the value of the capacitor connected.
Generally, with a 100nF X cap connected to pass
EMI, a 2.2uF ceramic capacitor for 12V output
and 4.7uF ceramic capacitor for 5V output is a
good candidate to get good compromise.
Surge
From its working principle, MP103 is working just
when VIN falls into its charging window, so when
surges happen at this moment, then a lot of
energy will be absorbed by BJT and MP103 due
to the slow turn off process. To protect them from
damage, a fast turn off threshold (typically it is
71V) of VIN is set specially to shut down driver
current quickly.
Since there is no bulk capacitor to absorb AC line
transients, MOV should be used to protect the IC
to survive the surge test. Besides the value of
fuse resistor will also affect the surge result, the
larger value used, the better to facilitate to pass
the surge test, but the more power consumption
will be caused, in the meanwhile, the larger value
of fuse resistor used, the easier to trigger its fast
turn off threshold, so 10~20 Ω fuse resistor is
recommended in real application.
To pass 1kV surge test, 750V external BJT is
recommended considering some margin, MP103
can pass 1kV surge test with an appropriate
MOV such as TVR10431 connected between the
line input ports.
Besides, the thermal pad must be connected to
the GND for better surge performance.
PCB Layout Guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance. If change is necessary,
please follow these guidelines and take figure 6
for reference.
1) Keep the trace from positive output rectifier to
VIN as short and wide as possible.
2) Minimize the loop area formed by positive
output of rectifier, emitter of external BJT and
GND.
3) Minimize the loop area formed by VIN,
collector of BJT, emitter of BJT.
4) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
5) Place the NTC resistor as close to external
BJT as possible for temperature detection
and effective protection.
6) Output capacitor should be put close to the
output terminal.
7) Connect the exposed pad with GND to a
large copper area to improve thermal
performance and long-term reliability.
U1
RV
BD1
R4
C4
RF
L
N
VOUT
GND
Q1
R3
RT1
C5
CX
C2
R2
C3
R5
C1
R1
VB
5
NC
7
FB 3
DR
6
RT 1
VIN
8
GND 2
VOUT 4
MP103
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com