Electronic Components Datasheet Search
  English  ▼

X  

MP7751GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7751GF
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7751GF Datasheet HTML 1Page - Monolithic Power Systems MP7751GF Datasheet HTML 2Page - Monolithic Power Systems MP7751GF Datasheet HTML 3Page - Monolithic Power Systems MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems MP7751GF Datasheet HTML 8Page - Monolithic Power Systems MP7751GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP7751 – 26V, 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER
MP7751 Rev. 1.0
www.MonolithicPower.com
5
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (7)
Circuit of figure 5, VCC = 24V, Gain=20dB, VEN = 5V, RLOAD = 8Ω, TA = +25°C, unless otherwise
noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Power Output
f = 1kHz, THD+N = 10%, VCC = 24V
36
W
f = 1kHz, THD+N = 10%, VCC = 18V
20
f = 1kHz, THD+N = 10%, VCC = 12V
9.5
THD+ Noise
POUT = 5W, f = 1kHz, VCC = 12V
0.08
%
POUT = 18W, f = 1kHz, VCC = 24V
0.08
%
Efficiency
POUT = 9.5W + 9.5W, THD+N = 10%,
VCC = 12 V, 1kHz, RLOAD = 8Ω
92
%
Deadtime
IO=0.5A
28
nS
Cross Talk
VO = 1 Vrms, f = 217Hz
-100
dB
Noise Floor
A-Weighted, 22 Hz to 22 kHz
120
μV
Signal-to-noise ratio
f = 1kHz, THD+N = 1%, A-Weighted
-96
dB
Power Supply Rejection
VRIPPLE=200mVPP,
Inputs ac-coupled
to AGND
f = 1kHz
-60
dB
f = 217Hz
-60
dB
Note:
7) Operating Specifications are for the IC in Typical Application circuit. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com