Electronic Components Datasheet Search
  English  ▼

X  

MP7751GF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP7751GF
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems MP7751GF Datasheet HTML 8Page - Monolithic Power Systems MP7751GF Datasheet HTML 9Page - Monolithic Power Systems MP7751GF Datasheet HTML 10Page - Monolithic Power Systems MP7751GF Datasheet HTML 11Page - Monolithic Power Systems MP7751GF Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP7751 – 26V, 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER
MP7751 Rev. 1.0
www.MonolithicPower.com
8
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VCC = 12V, GAIN = 20dB, f = 1kHz, TA = 25°C, using MP7751 EVB, unless otherwise noted.
-10
+4
-8
-6
-4
-2
+0
+2
20
60k
100
5001k 2k 5k 10k
20
10
1
2
5
0.01
0.02
0.05
0.1
0.2
0.5
60m 200m
50
12
5 10 20
20
10
1
2
5
0.01
0.02
0.05
0.1
0.2
0.5
60m 200m
30
12
5 10 20
-120
+0
-100
-80
-60
-40
-20
2k
20k
4k 6k 8k 10k12k14k16k18k
-120
+0
-100
-80
-60
-40
-20
2k
20k
4k 6k 8k 10k12k14k16k18k
20
20k
100
500 1k 2k 5k 10k
-120
+0
-100
-80
-60
-40
-20
20
20k
100
500 1k 2k 5k 10k
-120
+0
-100
-80
-60
-40
-20
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
20k
100
500 1k 2k 5k10k
0.001
20
0.01
0.1
1
5
20
20k
100
500 1k 2k 5k10k
Right to Left
Left to Right
Right to Left
Left to Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com