Electronic Components Datasheet Search
  English  ▼

X  

SFH-331 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-331
Description  SMT package with red emitter (635 nm) and Si-phototransistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-331 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-331 Datasheet HTML 1Page - OSRAM GmbH SFH-331 Datasheet HTML 2Page - OSRAM GmbH SFH-331 Datasheet HTML 3Page - OSRAM GmbH SFH-331 Datasheet HTML 4Page - OSRAM GmbH SFH-331 Datasheet HTML 5Page - OSRAM GmbH SFH-331 Datasheet HTML 6Page - OSRAM GmbH SFH-331 Datasheet HTML 7Page - OSRAM GmbH SFH-331 Datasheet HTML 8Page - OSRAM GmbH SFH-331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2015-12-14
1
2015-12-14
SMT Multi TOPLED
Version 1.3
SFH 331
Ordering Information
Features:
SMT package with red emitter (635 nm) and Si-phototransistor
Suitable for SMT assembly
Available on tape and reel
Emitter and detector can be controlled separately
Applications
Data transmission
Lock bar
Infrared interface
Type:
Ordering Code
SFH 331-JK
Q65110A2821


Similar Part No. - SFH-331

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
More results

Similar Description - SFH-331

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
Silicon NPN Phototransistor in SMT-Package with lens
SFH4219 OSRAM-SFH4219 Datasheet
62Kb / 6P
GaAs Infrared Emitter in SMT Package with lens
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH7250 OSRAM-SFH7250 Datasheet
386Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH7013 OSRAM-SFH7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-7013 OSRAM-SFH-7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-7250 OSRAM-SFH-7250 Datasheet
480Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com