Electronic Components Datasheet Search
  English  ▼

X  

SFH-331 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH-331
Description  SMT package with red emitter (635 nm) and Si-phototransistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-331 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH-331 Datasheet HTML 1Page - OSRAM GmbH SFH-331 Datasheet HTML 2Page - OSRAM GmbH SFH-331 Datasheet HTML 3Page - OSRAM GmbH SFH-331 Datasheet HTML 4Page - OSRAM GmbH SFH-331 Datasheet HTML 5Page - OSRAM GmbH SFH-331 Datasheet HTML 6Page - OSRAM GmbH SFH-331 Datasheet HTML 7Page - OSRAM GmbH SFH-331 Datasheet HTML 8Page - OSRAM GmbH SFH-331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Version 1.3
SFH 331
2015-12-14
5
Forward Current 2) page 16
IF = f(VF), TA = 25 °C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Wavelength at Peak Emission 2) page 16
λpeak = f(TA), IF = 20 mA
Dominant Wavelength 2) page 16
λdom = f(TA), IF = 20 mA
10 -1
V
5
super-red
OHL02351
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
tP
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA
green
yellow
orange
super-red
pure-green
550
OHL02104
λ
peak
˚C
0
20
40
60
80
100
570
590
610
630
650
nm
690
A
T
yellow
green
orange
super-red
pure-green
550
OHL02105
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com