Electronic Components Datasheet Search
  English  ▼

X  

SFH-2701 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-2701
Description  High Speed PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2701 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-2701 Datasheet HTML 1Page - OSRAM GmbH SFH-2701 Datasheet HTML 2Page - OSRAM GmbH SFH-2701 Datasheet HTML 3Page - OSRAM GmbH SFH-2701 Datasheet HTML 4Page - OSRAM GmbH SFH-2701 Datasheet HTML 5Page - OSRAM GmbH SFH-2701 Datasheet HTML 6Page - OSRAM GmbH SFH-2701 Datasheet HTML 7Page - OSRAM GmbH SFH-2701 Datasheet HTML 8Page - OSRAM GmbH SFH-2701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-12-07
1
2015-12-07
High Speed PIN Photodiode
Version 1.2
SFH 2701
Ordering Information
Features:
•
Especially suitable for applications from 400 nm to 1050 nm
•
Fast switching time within the specified wavelength
•
Fast switching time at low reverse voltage (<5V)
•
Ultra short decay time ("slow tail")
•
IEC Standard 3216 Chipled package
Applications
•
Optical disc drives (CD, DVD)
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
IP [µA]
λ = 650 nm, Ee = 0.5 mW/cm
2, V
R
= 5 V
SFH 2701
1.2 (≥0.8)
Q65110A2960


Similar Part No. - SFH-2701

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2716 OSRAM-SFH-2716 Datasheet
421Kb / 12P
Silicon PN Photodiode with V貫 Characteristics
More results

Similar Description - SFH-2701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV10NF VISHAY-BPV10NF Datasheet
81Kb / 5P
High Speed Silicon PIN Photodiode
16-Sep-08
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
Marktech Corporate
MTPD1346_010 MARKTECH-MTPD1346_010 Datasheet
502Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346-150 MARKTECH-MTPD1346-150_15 Datasheet
516Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346-200 MARKTECH-MTPD1346-200_15 Datasheet
552Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346-300 MARKTECH-MTPD1346-300_15 Datasheet
555Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346D-010 MARKTECH-MTPD1346D-010 Datasheet
301Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346D-100 MARKTECH-MTPD1346D-100 Datasheet
302Kb / 2P
High Speed InGaAs PIN Photodiode
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com