Electronic Components Datasheet Search
  English  ▼

X  

SFH-2701 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-2701
Description  High Speed PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2701 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-2701 Datasheet HTML 1Page - OSRAM GmbH SFH-2701 Datasheet HTML 2Page - OSRAM GmbH SFH-2701 Datasheet HTML 3Page - OSRAM GmbH SFH-2701 Datasheet HTML 4Page - OSRAM GmbH SFH-2701 Datasheet HTML 5Page - OSRAM GmbH SFH-2701 Datasheet HTML 6Page - OSRAM GmbH SFH-2701 Datasheet HTML 7Page - OSRAM GmbH SFH-2701 Datasheet HTML 8Page - OSRAM GmbH SFH-2701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.2
SFH 2701
2015-12-07
3
Temperature coefficient of Sλ_650nm
(typ)
TCI
-0.03
% / K
Temperature coefficient of Sλ_780nm
(typ)
TCI
-0.01
% / K
Noise equivalent power
(NEP = 17.9 x 10-15 x (I
R)
1/2/S
λ)
(V
R = 5 V, λ = 650 nm)
(typ)
NEP
0.009
pW /
Hz½
Relative Spectral Sensitivity 1) page 12
Srel = f(λ)
Dark Current 1) page 12
IR = f(VR), E = 0
Parameter
Symbol
Values
Unit
OHF00815
0
λ
rel
S
%
400 500 600 700 800 900 nm 1100
10
20
30
40
50
60
70
80
90
100
OHF03904
VR
R
I
nA
0
V
0
0.02
0.04
0.06
0.08
0.12
5
10
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com