Electronic Components Datasheet Search
  English  ▼

X  

SFH-2701 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-2701
Description  High Speed PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2701 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-2701 Datasheet HTML 1Page - OSRAM GmbH SFH-2701 Datasheet HTML 2Page - OSRAM GmbH SFH-2701 Datasheet HTML 3Page - OSRAM GmbH SFH-2701 Datasheet HTML 4Page - OSRAM GmbH SFH-2701 Datasheet HTML 5Page - OSRAM GmbH SFH-2701 Datasheet HTML 6Page - OSRAM GmbH SFH-2701 Datasheet HTML 7Page - OSRAM GmbH SFH-2701 Datasheet HTML 8Page - OSRAM GmbH SFH-2701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2015-12-07
2
Version 1.2
SFH 2701
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 85
°C
Reverse voltage
V
R
15
V
Reverse voltage
(t < 120 s)
V
R
20
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Spectral sensitivity
(λ = 650 nm)
(typ)
Sλ typ
0.45
A / W
Spectral sensitivity
(λ = 780 nm)
(typ)
S
λ typ
0.5
A / W
Photocurrent
(λ = 650 nm, Ee = 0.5 mW/cm
2
,VR = 5 V)
(typ (min))
I
P
1.2 (≥0.8)
µA
Photocurrent
(λ = 780nm, Ee = 0.5 mW/cm
2
,VR = 5 V)
(typ)
IP
1.4
μA
Wavelength of max. sensitivity
(typ)
λS max
820
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 400
... 1050
nm
Radiant sensitive area
(typ)
A
0.36
mm2
Dimensions of radiant sensitive area
(typ)
L x W
0.6 x 0.6
mm x
mm
Distance from chip front to case surface
(typ)
H
0.3
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 5 V)
(typ (max)) IR
0.05 (≤ 5)
nA
Rise and fall time
(V
R = 5 V, RL = 50 Ω, λ = 650 nm, Ip = 1 mA)
(typ)
tr, tf
1.8
ns
Rise and fall time
(V
R = 5 V, RL = 50 Ω, λ = 780 nm, IP = 1 mA)
(typ)
t
r, tf
2
ns
Forward voltage
(typ)
V
F
0.8
V
Capacitance
(VR = 0 V, f = 1 MHz, E = 0)
(typ)
C0
3 (≤ 5)
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com