Electronic Components Datasheet Search
  English  ▼

X  

LTC2933 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2933
Description  Programmable Hex Voltage Supervisor Featuring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2933 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2933 Datasheet HTML 9Page - Linear Technology LTC2933 Datasheet HTML 10Page - Linear Technology LTC2933 Datasheet HTML 11Page - Linear Technology LTC2933 Datasheet HTML 12Page - Linear Technology LTC2933 Datasheet HTML 13Page - Linear Technology LTC2933 Datasheet HTML 14Page - Linear Technology LTC2933 Datasheet HTML 15Page - Linear Technology LTC2933 Datasheet HTML 16Page - Linear Technology LTC2933 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
dc1633bf
DEMO MANUAL DC1633B
Demo BoarD use cases
USE CASE #3
Another common configuration is one that uses a GPIO
pin to drive a system reset. The LTC2933 data sheet shows
this feature throughout. The other two GPIOs are config-
ured as previously shown, OV and ALERT. Additionally a
manual reset pushbutton (GPI1) asserts the system reset.
GPIO1 → RST (system reset)
GPIO2 → OV
GPIO3 → ALERT
GPI1 → MR pushbutton
3. Configure GPIO1 as active-low with weak pull-up. To
update the changes made in steps 1-3, click the Write
All Registers (PC->RAM) icon.
1.ToprogramGPIO1tosystemresetfunction,firstuncheck
the mapping of all V1-V6 channels to GPIO1.
4. You can optionally extend the low time of the system
resetbychangingthedelay-on-releasesettingtoensure
a clean release of reset. This provides a time-based
debounce of the switch.
When configured in this way, GPIO1 provides a system
reset for the host processor and GPI1 can drive a system
reset (GPIO1) with a push of a button. You may set the
GPIO1 delay-on-release time to 410ms to experience
the extended reset firsthand. The UV condition indicator
remains on GPIO3. The OV condition is indicated as a
latched ALERT on GPIO2. When the GPI1 pushbutton
is pressed, a system reset is asserted on GPIO1 and the
ALERT is released if the OV condition is removed.
2. Configure GPI1 as a Manual Reset. Map GPI1 to
GPIO1.
LTC2933
SYSTEM
V1 V2 V3 V4 V5 V6
GPIO1
GPIO2
GPIO3
SDA
SCL
GPI2
GPI1
MR
RST
OV
ALERT
MARG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com