Electronic Components Datasheet Search
  English  ▼

X  

LTC2933 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2933
Description  Programmable Hex Voltage Supervisor Featuring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2933 Datasheet(HTML) 2 Page - Linear Technology

  LTC2933 Datasheet HTML 1Page - Linear Technology LTC2933 Datasheet HTML 2Page - Linear Technology LTC2933 Datasheet HTML 3Page - Linear Technology LTC2933 Datasheet HTML 4Page - Linear Technology LTC2933 Datasheet HTML 5Page - Linear Technology LTC2933 Datasheet HTML 6Page - Linear Technology LTC2933 Datasheet HTML 7Page - Linear Technology LTC2933 Datasheet HTML 8Page - Linear Technology LTC2933 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
dc1633bf
DEMO MANUAL DC1633B
performance summary
COMMON CHARACTERISTICS
SPECIFICATIONS VALID OVER FULL OPERATING TEMPERATURE RANGE
PARAMETER
CONDITIONS
VALUE
MIN
TYP
MAX
UNITS
Supply Input Voltage Range
VIN1
VIN2 through VIN4
3.4
3.4
13.9
5.8
V
V
V1 Threshold Accuracy
±1.5
%
V1 Monitoring Range
Medium Range
High Range
1
2.5
5.8
13.9
V
V
V2 to V6 Threshold Accuracy
±1.0
%
V2 to V6 Monitoring Range
Precision Range
Low Range
Medium Range
0.2
0.5
1.0
1.2
3.0
5.8
V
V
V
Table 1. Default Thresholds and GPIO Mappings
Vn_THR_HI Vn_THR_LO
GPIO1
GPIO2
GPIO3
Default Thresholds
OV
ALERT
UV
V1
5.5
4.5
Comp_Hi
Comp_Hi
Comp_Lo
V2
2.6V
2.4V
Comp_Hi
Comp_Hi
Comp_Lo
V3
2.1V
1.9V
Comp_Hi
Comp_Hi
Comp_Lo
V4
1.6V
1.4V
Comp_Hi
Comp_Hi
Comp_Lo
V5
1.3V
1.1V
Comp_Hi
Comp_Hi
Comp_Lo
V6
1.05V
0.95V
Comp_Hi
Comp_Hi
Comp_Lo
Table 2. Default GPI Settings
MANUAL RESET
MARGIN
UVDISABLE AUX COMP
GPI1
✓
GPI2
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com