Electronic Components Datasheet Search
  English  ▼

X  

LTC2933 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2933
Description  Programmable Hex Voltage Supervisor Featuring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2933 Datasheet(HTML) 3 Page - Linear Technology

  LTC2933 Datasheet HTML 1Page - Linear Technology LTC2933 Datasheet HTML 2Page - Linear Technology LTC2933 Datasheet HTML 3Page - Linear Technology LTC2933 Datasheet HTML 4Page - Linear Technology LTC2933 Datasheet HTML 5Page - Linear Technology LTC2933 Datasheet HTML 6Page - Linear Technology LTC2933 Datasheet HTML 7Page - Linear Technology LTC2933 Datasheet HTML 8Page - Linear Technology LTC2933 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
dc1633bf
DEMO MANUAL DC1633B
Glossary of terms
The following list contains terms used throughout the
document.
AUXC: Auxiliary Comparator. A GPI pin may be pro-
grammed to this function and map behavior to a GPIO
pin. Nominal VTH = 0.5V.
EEPROM: Non-volatile memory (NVM) storage used to
retain data after power is removed.
Margin: Term used typically in board level testing that
increases/decreases the output voltage to look for sensi-
tivity/marginality problems.
MARG: Ignore OV and UV faults when active (low). A GPI
pinmaybeprogrammedtothisfunctionandmapbehavior
to a GPIO pin. Nominal VTH = 1.0V.
MR: Manual Reset, Active Low. A GPI pin may be pro-
grammed to this function, map behavior to a GPIO pin,
and optionally clear the fault history. Nominal VTH = 1.0V.
NVM: Non-Volatile Memory, See EEPROM.
OV: Overvoltage. The result of a voltage comparison that
a pin voltage is above a programmable threshold voltage.
Rail:ThefinaloutputvoltagethattheLTC2933supervises.
Supervise: The act of quickly responding (compared
to a fault setting) to a voltage that is compared to pre-
programmed values.
UV: Undervoltage. The result of a voltage comparison that
a pin voltage is below a programmable threshold voltage.
UVDIS: UV Disable. Ignore UV faults when the pin is low.
A GPI pin may be programmed to this function and map
behavior to a GPIO pin. Nominal VTH = 1.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com