Electronic Components Datasheet Search
  English  ▼

X  

MPQ2019 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ2019
Description  40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2019 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ2019 Datasheet HTML 1Page - Monolithic Power Systems MPQ2019 Datasheet HTML 2Page - Monolithic Power Systems MPQ2019 Datasheet HTML 3Page - Monolithic Power Systems MPQ2019 Datasheet HTML 4Page - Monolithic Power Systems MPQ2019 Datasheet HTML 5Page - Monolithic Power Systems MPQ2019 Datasheet HTML 6Page - Monolithic Power Systems MPQ2019 Datasheet HTML 7Page - Monolithic Power Systems MPQ2019 Datasheet HTML 8Page - Monolithic Power Systems MPQ2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPQ2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
MPQ2019 Rev. 1.11
www.MonolithicPower.com
2
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ2019GN
SOIC8-EP
See Below
MPQ2019GN-33
SOIC8-EP
MPQ2019GN-5
SOIC8-EP
MPQ2019GN-AEC1
SOIC8-EP
MPQ2019GN-33-AEC1
SOIC8-EP
MPQ2019GN-5-AEC1
SOIC8-EP
* For Tape & Reel, add suffix
–Z (e.g. MPQ2019GN–Z)
TOP MARKING
MP2019: part code of MPQ2019GN;
LLLLLLLL: lot number;
MPS: MPS prefix:
Y: year code;
WW: week code:
TOP MARKING
MP2019-33: part code of MPQ2019GN-33
LLLLLLLL: lot number;
MPS: MPS prefix:
Y: year code;
WW: week code:
TOP MARKING
MP2019-5: part code of MPQ2019GN-5
LLLLLLLL: lot number;
MPS: MPS prefix:
Y: year code;
WW: week code:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com