Electronic Components Datasheet Search
  English  ▼

X  

MPQ2019 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2019
Description  40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2019 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2019 Datasheet HTML 1Page - Monolithic Power Systems MPQ2019 Datasheet HTML 2Page - Monolithic Power Systems MPQ2019 Datasheet HTML 3Page - Monolithic Power Systems MPQ2019 Datasheet HTML 4Page - Monolithic Power Systems MPQ2019 Datasheet HTML 5Page - Monolithic Power Systems MPQ2019 Datasheet HTML 6Page - Monolithic Power Systems MPQ2019 Datasheet HTML 7Page - Monolithic Power Systems MPQ2019 Datasheet HTML 8Page - Monolithic Power Systems MPQ2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPQ2019
40V, 300mA, Low-Quiescent Current
Adjustable Output Linear Regulator
AEC-Q100 Qualified
MPQ2019 Rev. 1.11
www.MonolithicPower.com
1
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2019 is a low-power linear regulator
that supplies power to systems with high-
voltage batteries. It includes a wide 3V to 40V
input range, low-dropout voltage and low-
quiescent supply current. The low-quiescent
current
and
low-dropout
voltage
allow
operations
at
extremely
low-power
levels.
Therefore, the MPQ2019 is ideal for low-power
microcontrollers
and
battery-powered
equipment.
The MPQ2019 provides a wide variety of fixed
output-voltage options (if requested): 1.8V, 1.9V,
2.3V, 2.5V, 3.0V, 3.3V, 3.45V, and 5.0V; Also it
provides the output-adjustable option (from
1.25V to 15V).
The regulator output current is limited internally,
and the device is protected against short-circuit,
over-load, and over-temperature conditions.
The
MPQ2019
includes
thermal
shutdown
(TSD), current-limiting fault protection, and is
available in a SOIC-8 EP package.
FEATURES
 3V to 40V Input Range
 10µA Quiescent Supply Current
 Stable with Low-value Output Ceramic
Capacitor (> 0.47
μF)
 300mA Specified Current
 Fixed 5V, 3.3V, and Adjustable Output (1.2
V to 15 V) Versions
 Output ±2% Accuracy Over Temperature
 Specified Current Limit
 Power Good
 Programmable Power Good Delay
 Thermal
Shutdown
and
Short-Circuit
Protection
 -40°C
to
+150°C
Specified
Junction
Temperature Range
 Available in a SOIC-8 EP Packages
 Available in AEC-Q100 Grade 1
APPLICATIONS
 Industrial/Automotive Applications
 Portable/Battery-Powered Equipment
 Ultra Low-Power Microcontrollers
 Cellular Handsets
 Medical Imaging
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MP
S website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
OUT
PG
GND
Vout
PGDL
EN
FB
MPQ2019GN
IN
OUT
PG
GND
Vout
PGDL
EN
FB
MPQ2019GN
Output Adjustable Version
Output Fixed Version


Similar Part No. - MPQ2019

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2019-AEC1 MPS-MPQ2019-AEC1 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MPQ2019GN MPS-MPQ2019GN Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MPQ2019GN MPS-MPQ2019GN Datasheet
214Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
MPQ2019GN-33 MPS-MPQ2019GN-33 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MPQ2019GN-33-AEC1 MPS-MPQ2019GN-33-AEC1 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
More results

Similar Description - MPQ2019

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2013A MPS-MPQ2013A Datasheet
612Kb / 19P
40V, 150mA, Low Quiescent Current Linear Regulator AEC-Q100 Qualified
MPQ2019-AEC1 MPS-MPQ2019-AEC1 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
MPQ20051 MPS-MPQ20051 Datasheet
463Kb / 13P
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
MPQ20051-AEC1 MPS-MPQ20051-AEC1 Datasheet
565Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
MPQ20056 MPS-MPQ20056 Datasheet
1Mb / 16P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
EV2019-5-N-00A MPS-EV2019-5-N-00A Datasheet
475Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
EV2019-33-N-00A MPS-EV2019-33-N-00A Datasheet
412Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
EV2019-N-00A MPS-EV2019-N-00A Datasheet
214Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
MPQ20056-AEC1 MPS-MPQ20056-AEC1 Datasheet
855Kb / 14P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com