Electronic Components Datasheet Search
  English  ▼

X  

MPQ2019 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2019
Description  40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2019 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2019 Datasheet HTML 1Page - Monolithic Power Systems MPQ2019 Datasheet HTML 2Page - Monolithic Power Systems MPQ2019 Datasheet HTML 3Page - Monolithic Power Systems MPQ2019 Datasheet HTML 4Page - Monolithic Power Systems MPQ2019 Datasheet HTML 5Page - Monolithic Power Systems MPQ2019 Datasheet HTML 6Page - Monolithic Power Systems MPQ2019 Datasheet HTML 7Page - Monolithic Power Systems MPQ2019 Datasheet HTML 8Page - Monolithic Power Systems MPQ2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
MPQ2019 Rev. 1.11
www.MonolithicPower.com
3
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
OUT
N/C
GND
VIN
FB
PGDL
PG
EN
SOIC-8 EP
ABSOLUTE MAXIMUM RATINGS
(1)
IN, EN.......................................... -0.3V to +42V
OUT............................................. -0.3V to +17V
PG .............................................. -0.3V to +15V
PGDL, FB ...................................... -0.3V to +6V
Junction Temperature ............................ +150
C
Lead Temperature ................................. +260
C
Storage Temperature............... -65
C to +150C
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC-8 EP.................................................2.5W
ESD SUSCEPTIBILITY
(3)
HBM (Human Body Mode) ...........................4kV
MM (Machine Mode)...................................200V
Recommended Operating Conditions
(4)
Supply Voltage VIN ............................. 3V to 40V
Output Voltage VOUT ..................... 1.25V to 15V
Operating Temperature ..... TA=-40°C to +125°C
TA≤TJ≤ +150°C
Thermal Resistance
(5)
θJA
θJC
SOIC-8 EP..............................50 ...... 10 ...
C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function
of the maximum junction temperature TJ (MAX), the
junction-to-ambient thermal resis
tance θ
JA,
and the
ambient temperature TA. The maximum allowable
continuous
power
dissipation
at
any
ambient
temperature is calculated by PD (MAX) = (TJ (MAX)-
TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature,
causing the regulator to go into thermal shutdown.
Internal thermal shutdown circuitry protects the device
from permanent damage.
3)
Devices are ESD sensitive. Handle with precaution.
4)
The device is not guaranteed to function outside of its
operating conditions.
5)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com