Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4294
Description  IEEE 802.3bt Powered Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4294 Datasheet(HTML) 1 Page - Linear Technology

  LT4294 Datasheet HTML 1Page - Linear Technology LT4294 Datasheet HTML 2Page - Linear Technology LT4294 Datasheet HTML 3Page - Linear Technology LT4294 Datasheet HTML 4Page - Linear Technology LT4294 Datasheet HTML 5Page - Linear Technology LT4294 Datasheet HTML 6Page - Linear Technology LT4294 Datasheet HTML 7Page - Linear Technology LT4294 Datasheet HTML 8Page - Linear Technology LT4294 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc2583af
DEMO MANUAL DC2583A
Description
LT4294, LT4321
IEEE 802.3bt Powered Device
Demonstration circuit 2583 is an IEEE 802.3bt (Draft 2.3)
compliant Power over Ethernet (PoE) powered device
(PD). It features the LT®4294 PD interface controller and
the LT4321 PoE ideal diode bridge controller.
The LT4294 provides IEEE 802.3af (PoE, Type 1),
IEEE 802.3at (PoE+, Type 2) and IEEE 802.3bt (PoE++,
Type 3 and 4) compliant interfacing. It utilizes an external,
low RDS(ON) (57mΩ typical) N-channel FET for the hot
swap function to improve efficiency. Additional features
include power good (PWRGD) and T2P output indica-
tors for interfacing with downstream electronics. The
PWRGD output indicates the PD controller is ready to
provide power to the downstream load. This signal can be
used to enable an isolated power supply. The T2P output
indicates the available power from the power sourcing
L
, LT, LTC, LTM, Linear Technology, LTPoE++ and the Linear logo are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
BoarD photo
equipment (PSE) to the downstream load. This signal can
be used to limit the load and prevent overloading the PSE.
The LT4321 controls eight low RDS(ON) (57mΩ typical)
N-channel FETs to further improve end-to-end power
delivery efficiency and ease thermal design. This solu-
tion replaces the eight diodes typically found in a passive
PoE rectifier bridge.
The DC2583A accepts up to 71W of delivered power from
a PSE via the RJ45 connector (J1) or a local 48V DC
power supply using the auxiliary supply input. When both
supplies are connected, the auxiliary supply input has
priority over the PoE input.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2583A
Top Side
Bottom Side


Similar Part No. - LT4294

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4294 AD-LT4294 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LT4294 AD-LT4294 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LT4294 AD-LT4294 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4294 AD-LT4294 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LT4294 AD-LT4294 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results

Similar Description - LT4294

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
MAX5995A MAXIM-MAX5995A_V01 Datasheet
1Mb / 28P
IEEE 802.3bt-Compliant, Powered Device Interface Controllers with Integrated 91W High-Power MOSFET
2019
MAX5996A MAXIM-MAX5996A Datasheet
1Mb / 34P
IEEE 802.3bt-Compliant, Powered Device with Power Telemetry and Power/Current Limit
2021
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com