Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 5 Page - Linear Technology

Part # LT4294
Description  IEEE 802.3bt Powered Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4294 Datasheet(HTML) 5 Page - Linear Technology

  LT4294 Datasheet HTML 1Page - Linear Technology LT4294 Datasheet HTML 2Page - Linear Technology LT4294 Datasheet HTML 3Page - Linear Technology LT4294 Datasheet HTML 4Page - Linear Technology LT4294 Datasheet HTML 5Page - Linear Technology LT4294 Datasheet HTML 6Page - Linear Technology LT4294 Datasheet HTML 7Page - Linear Technology LT4294 Datasheet HTML 8Page - Linear Technology LT4294 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc2583af
DEMO MANUAL DC2583A
Quick start proceDure
Auxiliary Supply Input
1. Place and connect test equipment as shown in Figure 5.
2. Turn down the electronic load to a minimum value and
turn off the electronic load.
3. Connect the output of the auxiliary supply to the
DC2583A as shown in Figure 5. Turn on the auxiliary
supply and set its current limit to 2A. Then increase its
output voltage to 48V.
4. Once the LED (D3) on the DC2583A is lit, check the
outputvoltageusingavoltmeter.Outputvoltageshould
be within 37-57V.
5. Verify T2P response with an oscilloscope as shown
in Figure 5. The T2P response during auxiliary power
operation is provided in Table 3.
Figure 5. Setup Diagram for Auxiliary Supply Input
LOAD
DC2583 F05
OPTO
+
VIN
–
+ AUXILIARY
DC POWER
SUPPLY
–
ENABLE
PSE TYPE
(TO µP)
DC/DC
CONVERTER
Table 3. T2P Response During Auxiliary Power Operation
PD CLASS
T2P RESPONSE
0–4
Logic Low
5–8
75% Logic High/25% Logic Low,
Toggle at 840Hz (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com