Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4294
Description  IEEE 802.3bt Powered Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4294 Datasheet(HTML) 2 Page - Linear Technology

  LT4294 Datasheet HTML 1Page - Linear Technology LT4294 Datasheet HTML 2Page - Linear Technology LT4294 Datasheet HTML 3Page - Linear Technology LT4294 Datasheet HTML 4Page - Linear Technology LT4294 Datasheet HTML 5Page - Linear Technology LT4294 Datasheet HTML 6Page - Linear Technology LT4294 Datasheet HTML 7Page - Linear Technology LT4294 Datasheet HTML 8Page - Linear Technology LT4294 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2583af
DEMO MANUAL DC2583A
typical performance characteristics
Figure 1. Thermal Pictures (Conditions: VPORT = 41.2V, VOUT = 40.8V, IOUT = 1.72A)
Figure 2. Efficiency (End-to-End)
performance summary Specifications are at T
A = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Port Voltage (VPORT)
At RJ45
37
57
V
Auxiliary Voltage
From AUX+ to AUX– Terminals
37
57
V
Efficiency
VPORT = 48V, IOUT = 1.2A
99.2
%
T2P Switching Frequency
840
Hz
Top Side
Bottom Side
LOAD CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
98.4
98.7
99.0
99.3
99.6
DC2583 F02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com