Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8364 Datasheet(HTML) 1 Page - Linear Technology

  LT8364 Datasheet HTML 1Page - Linear Technology LT8364 Datasheet HTML 2Page - Linear Technology LT8364 Datasheet HTML 3Page - Linear Technology LT8364 Datasheet HTML 4Page - Linear Technology LT8364 Datasheet HTML 5Page - Linear Technology LT8364 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2716af
DEMO MANUAL DC2716A
DESCRIPTION
LT8364
Low IQ Boost/SEPIC/Inverting Regulator
Demo circuit 2716A features the LT8364 in boost con-
figuration. It is designed to convert a 4.5V to 20V source
to 24V, with up to 1.6A, depending on input voltage, with
a switching frequency of 2MHz. The LT8364 can operate
with inputs as high as 60V, however, in this demo circuit,
the input is limited by the level of the output voltage. Refer
to Figure 4 for load current versus input voltage.
The demo board contains a selectable jumper, JP1, to aid
in the selection of the desired Sync pin mode of operation.
The default setting is Burst Mode® operation.
This layout is optimized for good EMI performance and
solution size. Input and output filters and an optimized
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Analog Devices, Inc. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
hot loop, comprised of C11 and C12 are necessary to pass
CISPR 25 Class 5 emissions, and are added by default.
These components can be excluded in applications not
requiring noise immunity. Radiated emissions plots are
included in this manual.
The data sheet gives a complete description of the device,
operation and application information. The data sheet
must be read in conjunction with this demo manual.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2716A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
4.5
20
V
VOUT
Output Voltage Range
VIN = 12V, ILOAD = 1.2A
23.25
24
24.75
V
RIPPLE
VIN = 12V, ILOAD = 1.2A
50
mV
EFFICIENCY
VIN = 12V, ILOAD = 1A
93
%
fSW
2
MHz


Similar Part No. - LT8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8364 AD-LT8364 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8364 AD-LT8364 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8364 AD-LT8364 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8364 AD-LT8364 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
LT8364 AD-LT8364 Datasheet
1Mb / 36P
40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
Rev. 0
More results

Similar Description - LT8364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com