Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8364 Datasheet(HTML) 2 Page - Linear Technology

  LT8364 Datasheet HTML 1Page - Linear Technology LT8364 Datasheet HTML 2Page - Linear Technology LT8364 Datasheet HTML 3Page - Linear Technology LT8364 Datasheet HTML 4Page - Linear Technology LT8364 Datasheet HTML 5Page - Linear Technology LT8364 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2716af
DEMO MANUAL DC2716A
QUICK START PROCEDURE
Figure 2. Measure Output Ripple
Figure 1. DC2716A Proper Equipment Setup
Demo circuit 2716A is easy to set up to evaluate the
performance of the LT8364. Refer to Figure 1 for proper
measurement equipment setup and follow the proce-
dure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT and GND terminals. See Figure 2 for proper scope
probe technique.
1. With power off, connect the input power supply to VIN
and GND.
2. Turn on the power at the input.
Note. Make sure that the input voltage does not
exceed 20V.
3. Check for the proper output voltage.
If there is no output, temporarily disconnect the load
to make sure that the load is not set too high.
NOTE:
4. Once the proper output voltage is established, adjust
the load within the operating range and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
VIN
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com