Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8364 Datasheet(HTML) 3 Page - Linear Technology

  LT8364 Datasheet HTML 1Page - Linear Technology LT8364 Datasheet HTML 2Page - Linear Technology LT8364 Datasheet HTML 3Page - Linear Technology LT8364 Datasheet HTML 4Page - Linear Technology LT8364 Datasheet HTML 5Page - Linear Technology LT8364 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2716af
DEMO MANUAL DC2716A
Figure 4. Guaranteed Load Current Versus Input Voltage
Figure 3. Efficiency Versus Load Current
QUICK START PROCEDURE
VIN (V)
4
6
8
10
12
14
16
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
DC2716A F04
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT = 24V, IOUT = 1A, 2MHz SWITCHING FREQUENCY
FREQUENCY (MHz)
30
130
230
330
430
530
630
730
830
930
1030
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
50
DC2716A F05
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
VOUT = 24V, IOUT = 1A, 2MHz SWITCHING FREQUENCY
FREQUENCY (MHz)
30
130
230
330
430
530
630
730
830
930
1030
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
50
DC2716A F06
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
Figure 5. CISPR 25 Radiated Emission Test Peak
Detection, Vertical Polarization) VIN = 12V
Figure 6. CISPR 25 Radiated Emission Test (Average
Detection, Vertical Polarization) VIN = 12V
LOAD CURRENT (mA)
0.1
1
10
100
1k
10k
50
60
70
80
90
100
DC2716A
VIN = 20V
VIN = 12V
VIN = 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com