Electronic Components Datasheet Search
  English  ▼

X  

MPQ5073 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ5073
Description  5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5073 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ5073 Datasheet HTML 1Page - Monolithic Power Systems MPQ5073 Datasheet HTML 2Page - Monolithic Power Systems MPQ5073 Datasheet HTML 3Page - Monolithic Power Systems MPQ5073 Datasheet HTML 4Page - Monolithic Power Systems MPQ5073 Datasheet HTML 5Page - Monolithic Power Systems MPQ5073 Datasheet HTML 6Page - Monolithic Power Systems MPQ5073 Datasheet HTML 7Page - Monolithic Power Systems MPQ5073 Datasheet HTML 8Page - Monolithic Power Systems MPQ5073 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MPQ5073
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH PROGRAMMABLE CURRENT LIMIT, AEC-Q100 QUALIFIED
MPQ5073 Rev. 1.01
www.MonolithicPower.com
2
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ5073GG
QFN-12 (2mmx2mm)
See Below
MPQ5073GG-AEC1
* For Tape & Reel, add suffix
–Z (e.g. MPQ5073GG–Z);
TOP MARKING
CB: product code of MPQ5073GG & MPQ5073GG-AEC1;
Y: year code;
LLL: lot number;
PACKAGE REFERENCE
QFN-12 (2mmx2mm)
ABSOLUTE MAXIMUM RATINGS
(1)
VIN.............................................. –0.3V to +6.5V
VCC............................................. –0.3V to +6.5V
VOUT ........................................... –0.3V to +6.5V
EN, SS, ILIM........................
–0.3V to Vcc+0.3 V
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Continuous Power Dissipation
(2)
QFN-12 (2mmx2mm) .................................1.6W
Recommended Operating Conditions
(3)
Supply Voltage VIN ......................... 0.5V to 5.5V
Supply Voltage VCC ........................... 3V to 5.5V
Output Voltage VOUT....................... 0.5V to 5.5V
Operating Junction Temp ........ -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-
12 (2mmx2mm) ……....…80
16
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
device will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com