Electronic Components Datasheet Search
  English  ▼

X  

MPQ5073 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ5073
Description  5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5073 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ5073 Datasheet HTML 5Page - Monolithic Power Systems MPQ5073 Datasheet HTML 6Page - Monolithic Power Systems MPQ5073 Datasheet HTML 7Page - Monolithic Power Systems MPQ5073 Datasheet HTML 8Page - Monolithic Power Systems MPQ5073 Datasheet HTML 9Page - Monolithic Power Systems MPQ5073 Datasheet HTML 10Page - Monolithic Power Systems MPQ5073 Datasheet HTML 11Page - Monolithic Power Systems MPQ5073 Datasheet HTML 12Page - Monolithic Power Systems MPQ5073 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MPQ5073
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH PROGRAMMABLE CURRENT LIMIT, AEC-Q100 QUALIFIED
MPQ5073 Rev. 1.01
www.MonolithicPower.com
11
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
ILIM Resistor Selection
The current limit value can be set by ILIM
resistor. The current limit can be gotten by
equation (1).
The current limit threshold is suggested to 10%
~ 20% higher than maximum load current. For
example, if the system’s full load is 2A, set the
current limit to 2.2A.
ILIM Capacitor Selection
The internal advanced auto-zero comparator
bring a high accuracy of current monitor. The
auto-zero will also cause some little jitter on
ILIM pin. To get a more stable ILIM, a small
ceramic capacitor can be mounted between
ILIM and ground. Suggested place an ILIM
capacitor less than 1nF.
Soft Start Capacitor Selection
There is an internal 11µA constant current
source charge SS cap and ramps up the
voltage on the SS pin. The output voltage rises
follow the slew rate of SS voltage.
If the inrush on output current reached the
current limit during start up (like with large
output cap or very large load), MPQ5073 will
limit the output current and the same time, SS
time will be increased (Fig 2 and Fig 3).
Component Selection
Soft Start @ Different Load
VOUT
Soft Start @ No Load
Soft Start @ Half Load
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large Load
Current Limit
Current Limit
Current Limit
Figure 2: Soft Start Periods at different load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com