Electronic Components Datasheet Search
  English  ▼

X  

MPQ5073 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ5073
Description  5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5073 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ5073 Datasheet HTML 5Page - Monolithic Power Systems MPQ5073 Datasheet HTML 6Page - Monolithic Power Systems MPQ5073 Datasheet HTML 7Page - Monolithic Power Systems MPQ5073 Datasheet HTML 8Page - Monolithic Power Systems MPQ5073 Datasheet HTML 9Page - Monolithic Power Systems MPQ5073 Datasheet HTML 10Page - Monolithic Power Systems MPQ5073 Datasheet HTML 11Page - Monolithic Power Systems MPQ5073 Datasheet HTML 12Page - Monolithic Power Systems MPQ5073 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MPQ5073
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH PROGRAMMABLE CURRENT LIMIT, AEC-Q100 QUALIFIED
MPQ5073 Rev. 1.01
www.MonolithicPower.com
12
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Soft Start @ Different Output Capacitance
VOUT
Soft Start @ Small Capacitance
Soft Start @ Large Capacitance
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large
Capacitance
Current Limit
Current Limit
Current Limit
Figure 3: Soft Start Periods at different
output capacitance
Design Example
Some design example and are provided below.
See Table 1 and Figure 4.
Table 1
VIN
(V)
Max Load Range
(A)
Rlimit
(k
Ω)
SS cap
(nF)
SS time
(ms)
3.6
0.5
47
22
1
3.6
1
27.4
47
2.4
3.6
2
15
100
5.4
Figure 4: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference. Place RILIM
close to ILIM pin, input cap close to VCC pin. Put
enough vias around IC to achieve better
thermal performance.
Figure 5: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com