Electronic Components Datasheet Search
  English  ▼

X  

LTC2374 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2374
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2374 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2374 Datasheet HTML 2Page - Linear Technology LTC2374 Datasheet HTML 3Page - Linear Technology LTC2374 Datasheet HTML 4Page - Linear Technology LTC2374 Datasheet HTML 5Page - Linear Technology LTC2374 Datasheet HTML 6Page - Linear Technology LTC2374 Datasheet HTML 7Page - Linear Technology LTC2374 Datasheet HTML 8Page - Linear Technology LTC2374 Datasheet HTML 9Page - Linear Technology LTC2374 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
dc2071afc
DEMO MANUAL DC2071A
Figure 4. 0V to 4.096V Single-Ended to Differential AC/DC Coupled Driver
BNC
C78
10µF
6.3V
R99
10
C81
OPT
1206
C73
0.1µF
C72
1µF
C85
1µF
C83
15pF
C76
10µF
6.3V
CM2
CM
R93
OPT
R98
0
R102
499
R100
OPT
JP7
IN3
COUPLING
AC DC
3 2 1
AIN3
0V TO
4.096V
J5
C88
0.1µF
C87
10µF
6.3V
V–
4
5
1
8
2
6
3
7
V+
R98
0
R103
10
U27
+IN1
+IN2
CH5
CH4
V+
V–
OUT1
OUT2
SHDN
–IN1
LT6350
+
–
Figure 5. Single-Ended/Fully Differential Input to Fully Differential DC Coupled Driver
+
+
–
–
SHDN
V+
V–
VOCM
C94
0.1µF
C95
4.7µF
10V
8
3
7
5
6
2
4
1
LTC6362
BNC
R114
0
R115
1k
R117
150
C97
0.22µF
C0G
1812
AIN4+
±4.096V
J6
C101
10µF
6.3V
VDD
CM
R127
1k
R111
1k
C108
0.01µF
C107
0.01µF
R118
35.7
R119
35.7
CH6
CH7
BNC
R112
100
R123
1k
R124
OPT
C100
0.22µF
C0G
1812
AIN4–
±4.096V
J7
U28
DC2071A SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com